Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 64Page - STMicroelectronics L9908 Datasheet HTML 65Page - STMicroelectronics L9908 Datasheet HTML 66Page - STMicroelectronics L9908 Datasheet HTML 67Page - STMicroelectronics L9908 Datasheet HTML 68Page - STMicroelectronics L9908 Datasheet HTML 69Page - STMicroelectronics L9908 Datasheet HTML 70Page - STMicroelectronics L9908 Datasheet HTML 71Page - STMicroelectronics L9908 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 153 page
background image
DTP_CFG2
DTP_CFG1
DTP_CFG0
Description
0
1
0
0.35 μs
0
1
1
0.5 μs
1
0
0
1 μs – Default
1
0
1
1.5 μs
1
1
0
2 μs
1
1
1
4 μs
Table 62. Dead Time Protection accuracy
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
DTP_tflt_acc
Dead Time Filter accuracy
CLK_SSM_EN = 0
-15
15
%
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
5.12.3
Shoot-Through Protection (STP)
Independently of the activation of DTP, L9908 implements a monitoring unit to detect the dangerous condition
when HS and LS of the same half bridge are driven on at the same time. The diagnosis is performed at two
levels: on the devices PWM inputs from uC (INHn/INLn) and on the Ext. FET Vgs; this allows a diagnosis
coverage both on external and internal shoot-through faults.
The first diagnosis level consists in a dedicated digital counter for each half bridge PWM inputs (INHn/INLn
couple) set/reset by the logic AND between INHn and INLn and integrates the time interval where the INHn and
the INLn are high together.
If INHn=INLn=’1’ occurs for an interval longer than T_stp_pwm_flt the flag STP_PWM_n is set. The error flag
remains set until the failure condition is removed and the flag is cleared by the SPI command.
In addition to STP, an interlocking protection function on INHn and INLn is implemented: when the main logic
processes a rising edge event on INHn/INLn a masking on the opposite signal (INLn/INHn respectively) is applied
for the entire duration of the INHn/INLn on pulse. During this interval any rising edge on the opposite signal is
ignored. In case INHn/INLn rising edge is synchronous then INLn has the priority.
The interlocking protection is always active and cannot be disabled.
Figure 41. Interlocking protection on PWM inputs: functional operation
L9908
Half bridges gate drivers
DS13546 - Rev 3
page 68/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com