Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 6Page - STMicroelectronics L9908 Datasheet HTML 7Page - STMicroelectronics L9908 Datasheet HTML 8Page - STMicroelectronics L9908 Datasheet HTML 9Page - STMicroelectronics L9908 Datasheet HTML 10Page - STMicroelectronics L9908 Datasheet HTML 11Page - STMicroelectronics L9908 Datasheet HTML 12Page - STMicroelectronics L9908 Datasheet HTML 13Page - STMicroelectronics L9908 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 153 page
background image
Table 5. Parametrical operating conditions
Symbol
Parameter
Test Condition Min Typ Max Unit
Notes
Power Supply
VBP_MOR_PAR
VBP: voltage range
-
4.5
-
36
V
-
VBP_MOR_PAR_EXT1 VBP: extended voltage range 1
t ≤ 15 min
Tamb = 25°C
36
-
48
V
Jump Start Pulse
VBP_MOR_PAR_EXT2 VBP: extended voltage range 2
t ≤ 400 ms
Tamb = 25°C
48
-
60
V
Load Dump Pulse
VDD_MOR_PAR_CSON
VDD: voltage range (CSOn
related parameter)
-
4.85
5
5.15
V
-
VDD_MOR_PAR
VDD: voltage range
-
4. 5
5
5.5
V
-
VIO_MOR_PAR
VIO: voltage range
-
2.5
-
5.5
V
-
VPRE_MOR_PAR
VPRE: voltage range
-
7
-
15
V
-
VDH_MOR_PAR
VDH: voltage range
-
4.5
-
52
V
-
VDH_MOR_PAR_EXT1 VDH: extended voltage range 1
t ≤ 60 min
Tamb = 25°C
52
-
60
V
Long Term
Overvoltage
VDH_MOR_PAR_EXT2 VDH: extended voltage range 2
t ≤ 40 ms
Tamb = 25°C
60
-
70
V
Transient Overvoltage
Note:
All parameters are guaranteed and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
2.2
Absolute Maximum Ratings (AMR)
Maximum ratings are absolute ratings; exceeding any one of these values may cause permanent damage to
the integrated circuit. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. All analog and digital voltages are related to the potential at signal ground SGND. All currents are
assumed to be positive when current flows into the pin.
Table 6. Absolute maximum ratings
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
Power Supply
VBP_AMR_DC
VBP: DC voltage range
-
-0.3
-
65(1)
V
-
VBP_AMR_AC
VBP: transient voltage range
t ≤ 400 ns;
IVBP ≤ 500 mA
-1
-
65(1)
V
Not subject to
production test
VDH_AMR_DC
VDH: DC voltage range.
-0.3
-
75(2)
V
VDH_AMR_AC
VDH: transient voltage range.
t ≤ 400 ns;
IVDH ≤ 500 mA
-1
-
90
V
Not subject to
production test
d_VDH_VBP_AMR
VDH - VBP Differential
voltage between VDH and
VBP
-
-65
-
75
V
-
VDD_AMR
VDD: voltage range
-
-0.3
-
20
V
-
VIO_AMR
VIO: voltage range
-
-0.3
-
20
V
-
Gate Driver Supply
CP1M_AMR
CP1M: voltage range
-0.3
-
65
V
-
L9908
Absolute Maximum Ratings (AMR)
DS13546 - Rev 3
page 10/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com