Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 20Page - STMicroelectronics L9908 Datasheet HTML 21Page - STMicroelectronics L9908 Datasheet HTML 22Page - STMicroelectronics L9908 Datasheet HTML 23Page - STMicroelectronics L9908 Datasheet HTML 24Page - STMicroelectronics L9908 Datasheet HTML 25Page - STMicroelectronics L9908 Datasheet HTML 26Page - STMicroelectronics L9908 Datasheet HTML 27Page - STMicroelectronics L9908 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 153 page
background image
5.2
Internal resets (INT_RST, CFG_RST)
L9908 implements two different reset states following two different reset signals INT_RST and CFG_RST.
•
INT_RST (active LOW) is the main internal reset signal; when active it resets the whole logic system.
This signal is generated via the reset logic by supervising Internal Supply Monitor, VDD Monitor and ICM
outputs: if a fault is verified the internal reset is activated.
The internal INT_RST can be alternatively triggered through an activation key written into a dedicated SPI
register SW_RESET_KEY.
Table 13. SW reset activation register
SW_RESET_KEY <7:0>
Description
0xCC
SW Reset Activation
•
CFG_RST (active LOW) is the reset signal configuration register.
This signal is generated via the reset logic by supervising the NDIS pin status level: if a ‘0’ logic level is
detected for a time interval greater than T_ndis_flt the reset is activated.
Table 14. Internal resets sources and filtering
Condition
Action
Filter timer for Reset
NDIS=’0’
CFG_RST=0
T_ndis_flt
UV on V3V3_ANA
CFG_RST=0 INT_RST=0
T_por_ltoh_flt
UV on V3V3_DIG
CFG_RST=0 INT_RST=0
T_por_ltoh_flt
OV on V3V3_ANA
CFG_RST=0 INT_RST=0
T_por_ltoh_flt
OV on V3V3_DIG
CFG_RST=0 INT_RST=0
T_por_ltoh_flt
UV on BG MAIN
CFG_RST=0 INT_RST=0
T_por_ltoh_flt
UV on BG AUXILIARY
CFG_RST=0 INT_RST=0
T_por_ltoh_flt
UV on VDD
CFG_RST=0 INT_RST=0
T_por_ltoh_flt
CLK1 timeout (stuck)
CFG_RST=0 INT_RST=0
ICM Timeout
SW Reset SPI frame
CFG_RST=0 INT_RST=0
NA
L9908
Internal resets (INT_RST, CFG_RST)
DS13546 - Rev 3
page 24/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com