Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 85Page - STMicroelectronics L9908 Datasheet HTML 86Page - STMicroelectronics L9908 Datasheet HTML 87Page - STMicroelectronics L9908 Datasheet HTML 88Page - STMicroelectronics L9908 Datasheet HTML 89Page - STMicroelectronics L9908 Datasheet HTML 90Page - STMicroelectronics L9908 Datasheet HTML 91Page - STMicroelectronics L9908 Datasheet HTML 92Page - STMicroelectronics L9908 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 153 page
background image
Table 81. CSM gain
CSM input range
FULL SCALE
GAIN
output range: 0-5V
GAIN
output range: 0-3.3V
±7 mV
242.8856
160.2985
±18 mV
121.3824
80.1094
±36 mV
60.60079
39.99503
±90 mV
24.24032
15.99801
±160 mV
13.4661
8.887295
±300 mV
7.574629
4.999069
Gain is calculated as the ratio between CSO output range (either 3.3 V or 5 V) and the input Full Scale range.
Values in Table 81 are valid only in case OFS = 1024 lsb. OFS = 0 lsb and OFS = 90 lsb have to be used in
case of DC-link configuration; in this case input voltage can be only positive and gain values of Table 81 must be
multiplied by 2.
Total error:
The CM A/D – D/A Chain total error contribution is given by:
Table 82. Current monitor A/D - D/A total error
Symbol
Parameter
Min Typ Max Unit
Notes
Current Monitor Accuracy
CM_gain_err
CM Gain Error
-2
-
2
%
(1)
All input ranges
CM_offset_err CM Offset Error
-2
-2
-2
-2
-3
-6
-
2
2
2
2
3
6
mV
(1)
Each value refers to the corresponding CM differential voltage input
range
1. Ex.
•
Vin = ISn+ - ISn- = -70 mV
•
CM_in_range_diff = ±90 mV
•
CM_out_range = 3.3 V
•
CSM_OFS = 1024
•
VOFS = 1024*1.611 mV = 1.65 V
•
G = 15.99801
•
V_CM_total_error = ±2 mV ± (2%*70 mV) = ±2 mV ±1.4 mV = ±3.4 mV
•
Vout (ideal) = 1.65 V-70 mV*15.99801 = 530 mV
•
Vout (minimum) = Vout (ideal) – (3.40 mV*15.99801) = 475.60 mV
•
Vout (maximum) = Vout (ideal) + (3.40 mV*15.99801) = 584.39 mV
Noise Performance
Table 83. Current monitor chain noise performance
Symbol
Parameter
Min Typ Max
Unit
Notes
CM_noise_performance
CM integrated output noise voltage
-
9.7
4.5
2.6
-
mV (RMS) Application information(1)
L9908
Current monitors
DS13546 - Rev 3
page 89/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com