Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 24Page - STMicroelectronics L9908 Datasheet HTML 25Page - STMicroelectronics L9908 Datasheet HTML 26Page - STMicroelectronics L9908 Datasheet HTML 27Page - STMicroelectronics L9908 Datasheet HTML 28Page - STMicroelectronics L9908 Datasheet HTML 29Page - STMicroelectronics L9908 Datasheet HTML 30Page - STMicroelectronics L9908 Datasheet HTML 31Page - STMicroelectronics L9908 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 153 page
background image
Table 16. Operation mode status bits
OPERATION_MODE2
OPERATION_MODE1
OPERATION_MODE0
Description
0
0
0
RESET Mode
0
0
1
NVM Read Mode
0
1
0
SAFE OFF Mode
0
1
1
NORMAL Mode
1
0
0
CFG Mode
1
0
1
SELF TEST Mode
1
1
0
RESET Mode
1
1
1
RESET Mode
Table 17. Device operation modes summary
Operation Mode Logic Core
Gate Driver
Supply
HS/LS Pre-drivers
Current Monitors
Diagnosis
SPI Access
RESET
Reset
Disabled
SAFE_HIZ
Disabled
Disabled
Disabled
NVM READ
Functional
Disabled
SAFE_HIZ
Disabled
Disabled
Read
SELF TEST
Functional
As configured
SAFE_DIS
As configured
As configured
Read
SAFE OFF
Functional
Disabled
SAFE_OFF/
SAFE_HIZ
Disabled
As configured Read/Write
CONFIG
Functional
As configured
Functional/SAFE_DIS
As configured
As configured Read/Write
NORMAL
Functional
As configured
Functional/SAFE_DIS
As configured
As configured Read/Write
5.4
Configuration mode
The L9908 default configuration can be modified by properly writing the SPI configuration registers.
Configuration registers are divided into three categories depending on their functional safety relevance:
•
Safety Relevant Registers (SRR): the content of these registers is protected by a two-step LOCK
mechanism: CONFIG mode access procedure and a masking related to Half Bridges status (EN_BR =
0 or HBn_DIS = 1 with n = 1, 2, 3). The content is then protected by a cyclic 5-bit CRC check.
•
Safety Latent Registers (SLR): the content of these registers is protected by a one-step LOCK mechanism:
CONFIG mode access procedure. The content has no CRC protection.
•
Non-safety Registers (NSR): the content of these registers can be accessed directly in NORMAL Mode and
has no CRC protection.
Correct SRR modification is safety relevant and then a CRC check on their bit is performed continuously by a
dedicated state machine. CRC check is performed sequentially over the 11 bits content of shadow register, LSB
first. The 5-bit CRC is calculated using the following polynomial expression over bit 5-15:
gx =x5+x2+1
(4)
The initial value to be used is 11111 (0x1F).
Example:
•
Input word: [000.0000.0100] (0x004)
•
Computed CRC: [0.1011] (0XB)
•
Resulting frame: [0000.0000.1000.1011] (0X8B)
If a CRC violation on one or more SRR the SR_CRC_FAIL flag is set. The error flag remains set until the failure
condition is removed and the flag is cleared by the SPI command.
L9908
Configuration mode
DS13546 - Rev 3
page 28/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com