Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 49Page - STMicroelectronics L9908 Datasheet HTML 50Page - STMicroelectronics L9908 Datasheet HTML 51Page - STMicroelectronics L9908 Datasheet HTML 52Page - STMicroelectronics L9908 Datasheet HTML 53Page - STMicroelectronics L9908 Datasheet HTML 54Page - STMicroelectronics L9908 Datasheet HTML 55Page - STMicroelectronics L9908 Datasheet HTML 56Page - STMicroelectronics L9908 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 153 page
background image
5.11.2.1
VBP functional ranges
Figure 27. VBP functional ranges
Where:
1.
VBP ≤ VBP_uv _th
VBP is in under-voltage and L9908 is sent into the operating mode defined into the FMC registers. If set
as IMF a VBP UV event automatically sets CP1_EN = 0 bit, thus disabling the CP1 stage. If set to EMF,
protection mechanism is let to μC.
2.
VBP_uv_th ≤ VBP ≤ VBP_cp1_lin_mode_th
L9908 is in NORMAL Mode (operative), CP1 regulates the target voltage on VPRE by working in charge
pump mode.
3.
VBP_cp1_lin_mode_th ≤ VBP ≤ VBP_ov_th
L9908 is in NORMAL Mode (operative), CP1 regulates the target voltage on VPRE by working in linear
regulator mode.
4.
VBP ≥ VBP_ov_th
VBP is in over-voltage and L9908 is sent into the operating mode defined into FMC registers.
5.11.3
VPRE monitor
VPRE voltage level is monitored by means of dedicated UV and an OV diagnosis. Hysteresis on thresholds and
filtering time is implemented.
If VPRE ≤ VPRE_uv_th occurs for an interval longer than T_vpre_uv_flt filtering time, the VPRE_UV flag is set.
The error flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
If VPRE ≥ VPRE_ov_th occurs for an interval longer than T_vpre_ov_flt the VPRE_OV flag is set. The error
flag remains set until the failure condition is removed and the flag is cleared by the SPI command. The correct
operation Pre-Regulator stage monitor is safety relevant and then a self-check procedure is implemented.
To avoid UV/OV detection during power up phase VPRE monitor comparators are masked for a
T_vpre_boot_mask filtering time, starting from each low to high transition of the internal CP1 enabling command.
L9908
Gate driver supply
DS13546 - Rev 3
page 53/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com