Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 3Page - STMicroelectronics L9908 Datasheet HTML 4Page - STMicroelectronics L9908 Datasheet HTML 5Page - STMicroelectronics L9908 Datasheet HTML 6Page - STMicroelectronics L9908 Datasheet HTML 7Page - STMicroelectronics L9908 Datasheet HTML 8Page - STMicroelectronics L9908 Datasheet HTML 9Page - STMicroelectronics L9908 Datasheet HTML 10Page - STMicroelectronics L9908 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 153 page
background image
2
Absolute maximum ratings
In the following section the voltage ranges of each pin are described by dividing them into three categories:
Functional Operating Range, Parametrical Operating Range and Absolute maximum rating.
Figure 3. Pin voltage ranges
2.1
Maximum Operating Range (MOR)
2.1.1
Functional Operating Range
Within these operating ranges the part operates as specified in the circuit description, electrical characteristics are
guaranteed only in the parametrical operating range, between these two ranges parametrical deviation may occur.
The device may not operate properly if functional operating range conditions are exceeded. Once taken beyond
the functional operative ratings and returned back within, the part will recover with no damage or degradation
(provided that AMR range is not exceeded). All analog and digital voltages are related to the potential at signal
ground SGND. All currents are assumed to be positive when current flows into the pin.
Table 4. Functional operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
Notes
Power Supply
VBP_MOR
VBP: voltage range
VBP UV
-
VBP OV
V
Thermally
limited
VBP_MOR_PU
VBP: voltage range for
power up
VBP UV + HYST
-
V
Power-Up
VDH_MOR
VDH: voltage range
VDH UV
-
VDH OV
V
-
VDH_MOR_PU
VDH: voltage range for
power up
VDH UV + HYST
-
V
Power-Up
VDD_MOR
VDD: voltage range
VDD UV
-
VDD OV
V
-
VDD_MOR_PU
VDD: voltage range for
power up
VDD UV + HYST
-
V
Power-Up
VIO_MOR
VIO: voltage range
2.5
-
5.5
V
-
Gate Driver Supply
d_CP1P_CP1M_MOR
CP1P - CP1M: Charge
Pump1 external
capacitance terminals
differential voltage
VPRE UV
-
VPRE OV
V
-
VPRE_MOR
VPRE: voltage range
VPRE UV
-
VPRE OV
V
-
d_CP2P_CP2M_MOR
CP2P – CP2M: Charge
Pump2 external
capacitance terminals
differential voltage
VPRE UV
-
VPRE OV
V
-
L9908
Absolute maximum ratings
DS13546 - Rev 3
page 7/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com