Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 2 Page - STMicroelectronics

  L9908 Datasheet HTML 1Page - STMicroelectronics L9908 Datasheet HTML 2Page - STMicroelectronics L9908 Datasheet HTML 3Page - STMicroelectronics L9908 Datasheet HTML 4Page - STMicroelectronics L9908 Datasheet HTML 5Page - STMicroelectronics L9908 Datasheet HTML 6Page - STMicroelectronics L9908 Datasheet HTML 7Page - STMicroelectronics L9908 Datasheet HTML 8Page - STMicroelectronics L9908 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 153 page
background image
Application
•
EPS – Electronic Power Steering
•
HVAC Blowers – Heating, ventilation, and air conditioning
•
Engine Cooling Fans
•
Electronic Brake Booster
•
EWP, EFP, EOP
Description
L9908 is a gate driver unit (GDU) for controlling 6 N-channel FETs for brushless
motors in automotive applications.
Each one of the 3 half bridge drivers channels (HS/LS couples) can be independently
configured allowing different load driving and is able to withstand -14 V to 95 V
excursion on motor`s pins.
Through 6 dedicated parallel inputs the pre-driver stages can be controlled
independently supporting duty cycle operations from 0% to 100% and allowing to
implement all kinds of electric motor control strategy. A dedicated combination of
regulators, charge pumps and bootstrap circuits allows L9908 to be suitable to
operate in passenger, commercial or hybrid vehicles.
Safe operation of half bridges is ensured by shoot-through diagnosis, dead-time,
short to battery, short to ground and open load detection plus a real time phase
voltage monitoring.
L9908 is equipped with 3 independent high accuracy current monitor channels
with SPI-configurable input differential voltage ranges for ground referenced current
measurements, with 5 V/3.3 V output dynamic range compatibility.
L9908 implements diagnostics on external and internal supply, ground level, internal
temperature.
A 32-bit out of frame SPI-slave interface is implemented for communication up to 10
MHz between L9908 and uC. SPI communication is safe-guarded by 5-bit CRC, 1bit
frame counter, frame length check and an SPI-configurable Window Watchdog.
L9908
DS13546 - Rev 3
page 2/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com