Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 14Page - STMicroelectronics L9908 Datasheet HTML 15Page - STMicroelectronics L9908 Datasheet HTML 16Page - STMicroelectronics L9908 Datasheet HTML 17Page - STMicroelectronics L9908 Datasheet HTML 18Page - STMicroelectronics L9908 Datasheet HTML 19Page - STMicroelectronics L9908 Datasheet HTML 20Page - STMicroelectronics L9908 Datasheet HTML 21Page - STMicroelectronics L9908 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 153 page
background image
4
Functional safety
4.1
Safe states
To reach the safety requirements of the system, the following safe states are supported by L9908, with a different
associated priority level:
•
SAFE-OFF due to CLK1_TIME_OUT or NDIS=’0’. Priority Level = 1
•
SAFE-HIZ. Priority Level = 2
•
SAFE-OFF due to STD Fault detection except INT_RST or Configurable fault with related FRC set as 00.
Priority Level = 3
•
SAFE-DIS. Priority Level = 4
In case of simultaneous safe state activation requests with different safe states required, the safe state reached
by L9908 is determined by the highest priority level.
Note:
•
Priority is descending, 1 = higher priority.
•
SAFE – OFF by NDIS assertion has the highest priority all over.
4.1.1
SAFE-OFF
When SAFE-OFF is active the gate driver unit is disabled by forcing the three Half Bridges in a tristate mode
so that VGHS_n-VSHS_n = 0 V actively, VGLS_n-VSLS_n = HIZ and by disabling the Gate Drive Supply block
(CP1_EN = CP2_EN = 0).
SAFE-OFF is activated by default if the following conditions are verified:
•
STD Fault detection except INT_RST
•
CLK1_TIME_OUT
•
Configurable fault with related FRC set as 00
•
NDIS = 0
4.1.2
SAFE-DIS
When SAFE-DIS is active the gate driver unit is disabled by forcing the three Half Bridges in a tristate mode so
that VGHS_n-VSHS_n and VGLS_n-VSLSn are kept tight to 0 V actively.
SAFE-DIS is activated by default if the following conditions are verified:
•
VPRE UV fault detection
•
Configurable fault with related FRC set as 01
•
EN_BR = 0
4.1.3
SAFE-HIZ
When SAFE-HIZ is active the gate driver unit is disabled by forcing the driver output in a tristate mode so that
VGHS_n-VSHS_n and VGLS_n-VSLSn = HIZ.
SAFE-HIZ is activated by default if the following conditions are verified:
•
Fault detection which generates INT_RST
•
SW_RST
•
No STD faults present & HBn_DIS = 0 [n = 1,2,3] & STD DRV_HIZ = 1
L9908
Functional safety
DS13546 - Rev 3
page 18/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com