Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 65Page - STMicroelectronics L9908 Datasheet HTML 66Page - STMicroelectronics L9908 Datasheet HTML 67Page - STMicroelectronics L9908 Datasheet HTML 68Page - STMicroelectronics L9908 Datasheet HTML 69Page - STMicroelectronics L9908 Datasheet HTML 70Page - STMicroelectronics L9908 Datasheet HTML 71Page - STMicroelectronics L9908 Datasheet HTML 72Page - STMicroelectronics L9908 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 153 page
background image
Figure 42. Shoot-Through diagnosis on PWM inputs: functional operation
Note:
PWM STD Filter integrates INHn/INLn timing overlap on multiple PWM periods, in this way STD Fault on PWM
inputs can be detected also in case minimum timing overlaps are spread over multiple and not adjacent periods.
The second diagnosis level consists in a dedicated digital counter for each half bridge (HS/LS couple) set/reset by
the logic NOR of the HS/LS VGS comparators and integrates the time interval where the HS and the LS are on
together.
If HSn_OFF=LSn_OFF=’0’ occurs for an interval longer than T_stp_vgs_flt the flag STP_VGS_n is set. The error
flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
Figure 43. Shoot-through protection on Ext. FET Vgs functional operation
Note:
VGS STD Filter integrates Vgs_LSn/Vgs_HSn timing overlap on multiple PWM periods, in this way STD Fault on
Ext. FET Vgs can be detected also in case minimum timing overlaps are spread over multiple and not adjacent
periods.
The STD diagnosis can be disabled on the single half bridge by a dedicated SPI bit as follows:
Table 63. Shoot-Through Protection on PWM inputs enable bit
STPn_PWM_DIS
Description
0
Shoot-through protection on PWM input enabled (Default)
1
Shoot-through protection on PWM input disabled
L9908
Half bridges gate drivers
DS13546 - Rev 3
page 69/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com