Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 9Page - STMicroelectronics L9908 Datasheet HTML 10Page - STMicroelectronics L9908 Datasheet HTML 11Page - STMicroelectronics L9908 Datasheet HTML 12Page - STMicroelectronics L9908 Datasheet HTML 13Page - STMicroelectronics L9908 Datasheet HTML 14Page - STMicroelectronics L9908 Datasheet HTML 15Page - STMicroelectronics L9908 Datasheet HTML 16Page - STMicroelectronics L9908 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
d_GLSN_SLSN_AMR_AC
GLS_n - SLS_n: Differential
voltage between GLS_n and
SLS_n
t ≤ 200 ns; IGLS_n
≤ - 2 A
-2(1)
-
20
V
[n=1,2,3] Not
subject to
production test
Current Monitors
IS_AMR_DC_RES
ISn+/ISn-: DC voltage range
in RESET
VDD < VDD UV +
HYST
-0.3
-
20
V
[n=1,2,3]
IS_AMR_DC
ISn+/ISn-: DC common mode
voltage range
VDD ≥ VDD UV +
HYST
-7
-
20
V
[n=1,2,3]
IS_AMR_AC
ISn+/ISn-: transient common
mode voltage range
VDD ≥ VDD UV +
HYST
t ≤ 200 ns
-14
-
20
V
[n=1,2,3] Not
subject to
production test
d_ISMPN_ISMN_AMR
ISn+ - ISn-: Differential
voltage between ISn+ and
ISn-
-
-5
-
5
V
[n=1,2,3]
d_VPRE_IS_AMR
VPRE - ISn+/ISn: Differential
voltage between VPRE and
ISn+/ISn
-
0
-
40
V
[n=1,2,3] Not
subject to
production test
IS_AMR_SR
ISn+/ISn-: common mode
transient slew rate
SR ≤ 1V/ns
-
-
20
V
[n=1,2,3] Not
subject to
production test
CSON_AMR
CSOn: voltage range
-
-0.3
-
20
V
[n=1,2,3]
d_VIO_CSON_AMR
VIO – CSOn: differential
voltage between VIO supply
and CSOn outputs
-
-0.3
-
20
V
[n=1,2,3]
SPI Interface
NCS_AMR
NCS: voltage range
-
-0.3
-
20
V
-
SCLK_AMR
SCLK: voltage range
-
-0.3
-
20
V
-
SDI_AMR
SDI: voltage range
-
-0.3
-
20
V
-
SDO_AMR
SDO: voltage range
-
-0.3
-
20
V
-
Digital I/O
d_VIO_SDO_AMR
VIO – SDO: differential
voltage between VIO supply
and SDO outputs
-
-0.3
-
20
V
-
d_VIO_PVF_AMR
VIO – PVF: differential
voltage between VIO supply
and PVF outputs
-
-20
-
20
V
-
d_VIO_FSFLAG_AMR
VIO – FS_FLAG: differential
voltage between VIO supply
and FS_FLAG outputs
-
-0.3
-
20
V
-
PVF_AMR
PVF: voltage range
-
-0.3
-
20
V
-
FS_FLAG
FS_FLAG: voltage range
-
-0.3
-
20
V
-
INHN_AMR
INHn: voltage range
-
-0.3
-
20
V
[n=1,2,3]
INLN_AMR
INLn: voltage range
-
-0.3
-
20
V
[n=1,2,3]
EN_BR _AMR
EN_BR: voltage range
-
-0.3
-
65
V
-
NDIS _AMR
NDIS: voltage range
-
-0.3
-
65
V
-
Grounds
GND_AMR
SGND, PGND
-
-0.6
-
0.6
V
-
1. 36 V AMR over life-time. 48 V ≥ AMR ≥ 36 V for Jump Start transient pulse E-02 as defined in LV 124 standard and AMR ≥
48 V for Load Dump Test B transient pulse as defined in ISO 16750-2 standard.
L9908
Absolute Maximum Ratings (AMR)
DS13546 - Rev 3
page 13/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com