Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 57Page - STMicroelectronics L9908 Datasheet HTML 58Page - STMicroelectronics L9908 Datasheet HTML 59Page - STMicroelectronics L9908 Datasheet HTML 60Page - STMicroelectronics L9908 Datasheet HTML 61Page - STMicroelectronics L9908 Datasheet HTML 62Page - STMicroelectronics L9908 Datasheet HTML 63Page - STMicroelectronics L9908 Datasheet HTML 64Page - STMicroelectronics L9908 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 153 page
background image
Figure 34. Pre-drivers HIZ mode behavior
The behavior of the driver depending on the DRV_HIZ and HBn_DIS setting reflects the following truth table:
Table 57. Pre-drivers behavior truth table
DRV_HIZ
HBn_DIS
Description
0
0
Pre-driver enabled
0
1
Pre-driver disabled
1
0
Pre-driver in high impedance (Default)
1
1
Pre-driver disabled
Note:
above described condition in Disable or HIZ conditions are valid for LS drivers as long as VPRE ≥ 2.6 V
and for HS as long as VDH ≥ 2.6 V. If these conditions do not hold despite the configuration the drivers are
automatically in HIZ mode and the ext. FET Vgs is not driven actively.
Table 58. Pre-driver timings
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
DRV_pwm_freq
PWM Frequency
-
-
20
-
kHz
Consumption
Limited(1)
DRV_pwm_dc
HS Duty Cycle in PWM mode
-
0
-
100
%
Not subject to
production
test(2)
DRV_hs_on_dly
HS Pre-driver switch ON
total propagation delay
(T_logic_+T_hs_on_dly)
Rload = 2 kΩ
INHn*0.5 to GHS_n*0.1
SHS_n = 0 V
[n = 1,2,3]
170
-
400
ns
-
DRV_hs_off_dly
HS Pre-driver switch OFF
total propagation delay
(T_logic_+T_hs_off_dly)
Rload = 2 kΩ
INHn*0.5- GHS_n*0.9
SHS_n = 0 V
[n = 1,2,3]
170
-
400
ns
-
DRV_ls_on_dly
LS Pre-driver switch ON
total propagation delay
(T_logic_+T_ls_on_dly)
Rload = 2 kΩ
INLn*0.5 to GLS_n*0.1
[n = 1,2,3]
170
-
400
ns
-
L9908
Half bridges gate drivers
DS13546 - Rev 3
page 61/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com