Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 17Page - STMicroelectronics L9908 Datasheet HTML 18Page - STMicroelectronics L9908 Datasheet HTML 19Page - STMicroelectronics L9908 Datasheet HTML 20Page - STMicroelectronics L9908 Datasheet HTML 21Page - STMicroelectronics L9908 Datasheet HTML 22Page - STMicroelectronics L9908 Datasheet HTML 23Page - STMicroelectronics L9908 Datasheet HTML 24Page - STMicroelectronics L9908 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
5
Functional description
5.1
Internal supply
5.1.1
VDD power supply
The internal supply rails for analog and digital circuitries on L9908 are generated from the VDD pin which is the
main power input. Additionally VDD is used as reference voltage for Current Measurement Analog output (CSO
Buffers).
5.1.2
Internal supply monitor
Each internal supply voltage level (V3V3_ANA/DIG) is monitored by means of a dedicated UV and an OV
diagnosis. Abnormal behavior on internal supply level will cause the generation of a POR (Power on Reset) event
that consequently sends L9908 into a RESET state. Hysteresis on thresholds and filtering time are implemented.
If V3V3_ANA/DIG ≤ V3V3_uv_th occurs for an interval longer than T_por_htol_flt, INT_RST flag is set. The error
flag remains set until the failure condition is removed and the flag is cleared by an SPI command. POR_ANA/DIG
is set low and internal reset is triggered.
If V3V3_ANA/DIG ≥ V3V3_ov_th occurs for an interval longer than T_por_htol_flt, INT_RST flag is set. The error
flag remains set until the failure condition is removed and the flag is cleared by an SPI command. POR_ ANA/DIG
is set low and internal reset is triggered. OV/UV Resets related to V3V3 internal reference are represented in
Figure 8.
The internal supply monitor is safety relevant and then a self-check procedure is implemented.
Note:
All parameters are guaranteed and tested in the voltage ranges specified in Table 5 unless otherwise specified.
Where not specified parametrical operating range equals functional operating range.
Table 11. Internal power supply electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VBG_vout
Bandgap output voltage
1.188
1.2
1.212
V
-
V3V3_vout
V3V3_ANA/DIG output voltage
3.2
3.3
3.34
V
-
V3V3_uv_th
V3V3_ANA/DIG under-voltage threshold
2.65
2.73
2.93
V
Comparator output Low to High
V3V3_uv_hys
V3V3_ANA/DIG under-voltage hysteresis
35
45
56
mV
-
V3V3_ov_th
V3V3_ANA/DIG over-voltage threshold
3.6
3.7
3.9
V
Comparator output Low to High
V3V3_ov_hys
V3V3_ANA/DIG over-voltage hysteresis
-
0
-
mV
-
V3V3_pre_vout V3V3_PRE output voltage
2.7
3.35
3.55
V
-
T_por_ltoh_flt
POR_V3V3 Low to High state filter time
3.2
4.8
7.3
μs
Analog filter
T_por_htol_flt
POR_V3V3 High to Low state filter time
5.4
8.3
13.5
μs
Analog filter
L9908
Functional description
DS13546 - Rev 3
page 21/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com