Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 94Page - STMicroelectronics L9908 Datasheet HTML 95Page - STMicroelectronics L9908 Datasheet HTML 96Page - STMicroelectronics L9908 Datasheet HTML 97Page - STMicroelectronics L9908 Datasheet HTML 98Page - STMicroelectronics L9908 Datasheet HTML 99Page - STMicroelectronics L9908 Datasheet HTML 100Page - STMicroelectronics L9908 Datasheet HTML 101Page - STMicroelectronics L9908 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 153 page
background image
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
OND_th_acc5
VDS monitoring thresholds
accuracy 5
VDH-SHS_n
≤ 0.081 V
SHS_n-SLS_n
≤ 0.081 V
-12
-
12
mV 0x < VDS_HS/LH_TH < 3x
T_ond_flt_acc
OND Filtering Time accuracy
CLK_SSM_EN = 0 -15
-
15
%
-
T_ond_blank_acc OND Blanking Time accuracy
CLK_SSM_EN = 0 -15
-
15
%
-
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
5.16
Phase Voltage Feedback (PVF)
L9908 implements three symmetric hysteretic comparators to monitor the level each motor phase voltage. This
function allows a real time feedback on half bridges behavior in terms of phase voltage level and transition timing
and actual phase’s duty cycle.
Figure 73. Off State Diagnosis block diagram
Each phase voltage comparator converts the output phase voltage into a digital signal by comparing it against a
threshold proportional to VDH voltage so that:
VDH-SHS_n ≥ PVFn_th_h: PVFn is set to 1.
VDH-SHS_n ≤ PVFn_th_l: PVFn is set to 0.
PVFn_th_h and PVFn_th_l are referred to as a specific percentage of the VDH voltage and can be configured by
PVF_TH_CFG bits in the register GEN_CFG4, as follows:
Table 92. PVF threshold selection bits
PVF_TH_CFG
Description
0
VPVF_TH_H = VDH*0.75 (Default)
VPVF_TH_L = VDH*0.25
L9908
Phase Voltage Feedback (PVF)
DS13546 - Rev 3
page 98/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com