Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 18Page - STMicroelectronics L9908 Datasheet HTML 19Page - STMicroelectronics L9908 Datasheet HTML 20Page - STMicroelectronics L9908 Datasheet HTML 21Page - STMicroelectronics L9908 Datasheet HTML 22Page - STMicroelectronics L9908 Datasheet HTML 23Page - STMicroelectronics L9908 Datasheet HTML 24Page - STMicroelectronics L9908 Datasheet HTML 25Page - STMicroelectronics L9908 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 153 page
background image
Figure 8. Internal supply operative range
5.1.3
VDD monitor
VDD voltage level is monitored by means of dedicated UV and an OV diagnosis. Hysteresis on thresholds and
filtering time are implemented.
If VDD ≤ VDD_uv_th occurs for an interval longer than T_por_htol_flt, INT_RST flag is set. The error flag remains
set until the failure condition is removed and the flag is cleared by SPI command. POR_ANA is set low and
internal reset is triggered.
If VDD ≥ VDD_ov_th occurs for an interval longer than T_vdd_ov, VDD_OV flag is set. The error flag remains set
until the failure condition is removed and the flag is cleared by SPI command.
Device’s functional ranges related to VDD level are represented in Figure 9.
The operative VDD monitor is safety relevant and then a self-check procedure is implemented.
Note:
All parameters are guaranteed and tested in the voltage ranges reported in Table 5 unless otherwise specified.
Where not specified the parametrical operating range equals the functional operating range.
Table 12. VDD monitor electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VDD_uv_th
VDD under-voltage threshold
3.95
4.05
4.15
V
Comparator output Low to High
VDD_uv_hys
VDD under-voltage hysteresis
135
-
165
mV
VDD_ov_th
VDD over-voltage threshold
5.5
-
6
V
Comparator output Low to High
VDD_ov_hys
VDD over-voltage hysteresis
120
170
220
mV
T_vdd_ov_flt
VDD over-voltage detection filter time
1
-
5
μs
Digital filter
L9908
Internal supply
DS13546 - Rev 3
page 22/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com