Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 39Page - STMicroelectronics L9908 Datasheet HTML 40Page - STMicroelectronics L9908 Datasheet HTML 41Page - STMicroelectronics L9908 Datasheet HTML 42Page - STMicroelectronics L9908 Datasheet HTML 43Page - STMicroelectronics L9908 Datasheet HTML 44Page - STMicroelectronics L9908 Datasheet HTML 45Page - STMicroelectronics L9908 Datasheet HTML 46Page - STMicroelectronics L9908 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 153 page
background image
Figure 24. Recommended Power-Up sequence
5.8
Digital I/O
5.8.1
VIO power supply
The VIO power supply is a dedicated power input designed to supply the Digital Output circuitry. The voltage level
applied to VIO will reflect directly onto digital output level allowing compliance with major digital I/O standards (5
V, 3.3 V).
5.8.2
Digital Input (DI)
Digital input pins on L9908 are used to transfer digital communications coming from an external source and
supply domain to the internal logic and it’s related to a 3.3 V domain.
Table 31. Digital input pins functional partitioning
Pins
Default State
Description
SCLK
Type A – Internal Current Pull-down
SPI Pin (SPI communication related pin)
SDI
Type A – Internal Current Pull-down
SPI Pin (SPI communication related pin)
NCS
Type C – Internal Current Pull-up
SPI Pin (SPI communication related pin)
L9908
Digital I/O
DS13546 - Rev 3
page 43/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com