Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 72Page - STMicroelectronics L9908 Datasheet HTML 73Page - STMicroelectronics L9908 Datasheet HTML 74Page - STMicroelectronics L9908 Datasheet HTML 75Page - STMicroelectronics L9908 Datasheet HTML 76Page - STMicroelectronics L9908 Datasheet HTML 77Page - STMicroelectronics L9908 Datasheet HTML 78Page - STMicroelectronics L9908 Datasheet HTML 79Page - STMicroelectronics L9908 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 153 page
background image
5.13.1.1
Conversion triggering logic
In order to improve the effectiveness of the A/D conversion and maximize the dynamic performances the current
monitor ADC implements two different conversion algorithms:
•
Up/Down TRK algorithm is active while SAR is disabled. TRK logic increments/decrements by 1LSB
each clock cycle the DAC input depending on the sign comparator assessment. This algorithm is able
to guarantee a high conversion accuracy but along with a limited input slew rate given by 1LSB/Tclk;
•
SAR algorithm is active while TRK is disabled. SAR logic increments/decrements by 210/2Nat each N clock
cycle. This algorithm is effective in the fast changing signal but lacks in accuracy.
A/D conversion default algorithm is TRK; SAR conversion algorithm is launched by triggering logic assessment.
Conversion triggering logic assessment follows two different criteria:
•
Command Edge Triggering;
•
Auto-triggering.
Note:
As long as enabled, each n-th A/D continuously converts input voltage into digital words: the conversion
triggering only defines how SAR and TRK algorithms interleave to get the most accurate current conversion.
5.13.1.1.1
Command edge triggering
Command Edge Triggering criteria relies on ACT function: when the value stored in ACTn register equals the
value configured in the TSYNCn register, a trigger pulse is generated and the SAR conversion is performed.
SAR conversion is launched at the same time on all current monitors, synchronously.
The n-th ACT to be used for sampling reference can be configured by means of the following bits:
Table 71. Command edge triggering configuration bits
CSM_SSPV_PH_CFG1
CSM_SSPV_PH_CFG0
Description
0
0
No synchronization
0
1
TSYNC based on Phase 1 (Default)
1
0
TSYNC based on Phase 2
1
1
TSYNC based on Phase 3
Note:
•
When CSM_SSPV_PH_CFG is set 00 the value output on CSOn and stored in CSn_READ correspond to
the last sample value when CSM_SSPV_PH_CFG ≠ 00.
•
When CSM_SSPV_PH_CFG = 01 ACT1 is used for the comparison
•
When CSM_SSPV_PH_CFG = 10 ACT2 is used for the comparison
•
When CSM_SSPV_PH_CFG = 11 ACT3 is used for the comparison
L9908
Current monitors
DS13546 - Rev 3
page 76/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com