Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 5Page - STMicroelectronics L9908 Datasheet HTML 6Page - STMicroelectronics L9908 Datasheet HTML 7Page - STMicroelectronics L9908 Datasheet HTML 8Page - STMicroelectronics L9908 Datasheet HTML 9Page - STMicroelectronics L9908 Datasheet HTML 10Page - STMicroelectronics L9908 Datasheet HTML 11Page - STMicroelectronics L9908 Datasheet HTML 12Page - STMicroelectronics L9908 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
Figure 4. 14 V pulse scenario - applicative condition
The negative peak voltage reached during such a transition can be described by the following formula:
SHSnpeak =Vd_peak+ LPAR_TOTdILOADtfall+ Rsℎunt+RPAR_TOTIload
(1)
SHSnpeak ≈ LPAR_TOTdILOADtfall
(2)
The first term Vd_peak is the transient peak voltage of the LS FET body diode, the second is due to transient
response of the parasitic inductances between SHS_n and GND while the third is related to path resistance
drop. Given the maximum current conducted, the application shall limit the maximum undershoot peak voltage by
minimizing the ratio:
LPAR_TOT
tfall
(3)
(Ex: if Iload = 100 A then LPAR_TOT = 4 nH then tfall must be kept higher than 33 ns)
The above-mentioned considerations also apply to SHS_n positive pulse which takes place when the inverter is
working in generator mode.
2.1.2
Parametrical Operating Range
Within these operating ranges the part operates as specified and without parameter deviations. The device may
show parameters deviation if parametrical operating conditions are exceeded.
Once taken beyond the operative ratings and returned back within, the part will recover with no damage or
degradation (provided that AMR range is not exceeded). All analog and digital voltages are related to the potential
at signal ground SGND. All currents are assumed to be positive when current flows into the pin.
L9908
Maximum Operating Range (MOR)
DS13546 - Rev 3
page 9/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com