Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 27Page - STMicroelectronics L9908 Datasheet HTML 28Page - STMicroelectronics L9908 Datasheet HTML 29Page - STMicroelectronics L9908 Datasheet HTML 30Page - STMicroelectronics L9908 Datasheet HTML 31Page - STMicroelectronics L9908 Datasheet HTML 32Page - STMicroelectronics L9908 Datasheet HTML 33Page - STMicroelectronics L9908 Datasheet HTML 34Page - STMicroelectronics L9908 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 153 page
background image
Figure 13. Self-test mode state machine (NORMAL MODE)
Note:
Self-Test procedure shall be activated only when the L9908 is supplied within its Functional Operating Range
otherwise the self-check may fail.
Two SPI readable flags are present in the register GEN_STATUS1 to read-back the BIST state machine activation
status according to the following table:
Table 22. Self-test procedure status bits
SELF_TEST_STATUS1
SELF_TEST _STATUS0
Description
0
0
SELF TEST stop
0
1
SELF TEST running
1
0
SELF TEST finished with NO Failure
1
1
SELF TEST finished with Failure
The self-test mode is left when procedure ends or after the Self-Test Time-out expiration: after accessing self-test
mode a timeout is started, when the timeout expires, it is aborted.
Note:
All parameters are guaranteed and tested in the voltage ranges reported in Table 5 unless otherwise specified.
Where not specified the parametrical operating range equals the functional operating range.
Table 23. Self-test timings and timeout
Symbol
Parameter
Min
Typ
Max
Unit
Notes
T_hwsc
Self-Test procedure duration
0.65
-
0.75
ms
Not subject to production test
T_selftest_time_out
SELF TEST Mode Time-out
0.77
0.88
0.99
ms
Not subject to production test
5.6
Fault Handling Management (FHM)
The fault set is divided into two main categories based on the required corrective actions:
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 31/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com