Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 59Page - STMicroelectronics L9908 Datasheet HTML 60Page - STMicroelectronics L9908 Datasheet HTML 61Page - STMicroelectronics L9908 Datasheet HTML 62Page - STMicroelectronics L9908 Datasheet HTML 63Page - STMicroelectronics L9908 Datasheet HTML 64Page - STMicroelectronics L9908 Datasheet HTML 65Page - STMicroelectronics L9908 Datasheet HTML 66Page - STMicroelectronics L9908 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 153 page
background image
Figure 36. Pre-drivers rise/fall time characteristics
Table 59. Pre-drivers electrical characteristics
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
DRV_hs_pu_iout
HS Pre-driver pull up Gate
Current
VGHS_S – VSHS_n = 0 V
[n = 1,2,3]
1
2.2
-
A
Not subject to
production
test
DRV_hs_pd_iout
HS Pre-driver pull down
Gate Current
VGHS_S – VSHS_n = 10
V
[n = 1,2,3]
1
2.2
-
A
Not subject to
production
test
DRV_ls_pu_iout
LS Pre-driver pull up Gate
Current
VGLS_S – VSLS_n = 0 V
[n = 1,2,3]
1
2.2
-
A
Not subject to
production
test
DRV_ls_pd_iout1
LS Pre-driver pull down
Gate Current
VGLS_S – VSLS_n = 0 V
[n = 1,2,3]
1
2.2
-
A
Not subject to
production
test
DRV_hs_iout_match
HS Pre-drivers switch
ON/OFF current matching
(driver to driver)
-
-
-
1
%
-
DRV_ls_iout_match
LS Pre-drivers switch
ON/OFF current matching
(driver to driver)
-
-
-
1
%
-
DRV_hs_iout_onoff_match
HS Pre-drivers switch
ON/OFF current matching
(pull up to pull down)
-
-
-
1
%
-
DRV_ls_iout_onoff_match
LS Pre-drivers switch
ON/OFF current matching
(pull up to pull down)
-
-
-
1
%
-
DRV_hs_vout_ll
HS Pre-driver Low Level
output voltage (GHS_n-
SHS_n)
IGHS_n = 4 mA
INHn = 0
SHS_n = 0 V
[n = 1,2,3]
-
-
130
mV -
DRV_hs_vout_ll_match
HS Pre-driver Low Level
output voltage matching
-
-15
-
15
mV -
DRV_hs_rpd
HS Pre-driver output
resistance at low state
IGHS_n = 4 mA
INHn = 0
SHS_n = 0 V
0.85 1.15 1.95
Ω
-
L9908
Half bridges gate drivers
DS13546 - Rev 3
page 63/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com