Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 7Page - STMicroelectronics L9908 Datasheet HTML 8Page - STMicroelectronics L9908 Datasheet HTML 9Page - STMicroelectronics L9908 Datasheet HTML 10Page - STMicroelectronics L9908 Datasheet HTML 11Page - STMicroelectronics L9908 Datasheet HTML 12Page - STMicroelectronics L9908 Datasheet HTML 13Page - STMicroelectronics L9908 Datasheet HTML 14Page - STMicroelectronics L9908 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 153 page
background image
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
d_VBP_CP1M_AMR
VBP - CP1M: Charge Pump1
external differential voltage
between VBP and CP1M
-
-0.3
-
65
V
-
CP1P_AMR
CP1P: voltage range
-
-0.3
-
20
V
-
d_CP1P_CP1M_AMR
CP1P - CP1M: Charge
Pump1 external capacitance
terminals differential voltage
-
-65
-
20
V
-
d_VBP_CP1P_AMR
VBP - CP1P: Charge Pump1
external differential voltage
between VBP and CP1P
-
-20
-
65
V
-
d_VPRE_CP1P_AMR
VPRE – CP1P: Charge
Pump1 external differential
voltage between VPRE and
CP1P
-
-0.3
-
20
V
-
VPRE_AMR
VPRE: voltage range
-
-0.3
-
20
V
-
CP2M_AMR
CP2M: voltage range
-
-0.3
-
75
V
-
d_VPRE_CP2M_AMR
VPRE – CP2M: Charge
Pump2 external differential
voltage between VPRE and
CP2M
-
-75
-
20
V
-
CP2P_AMR
CP2P: voltage range
-
-0.3
-
95
V
-
d_CP2P_CP2M_AMR
CP2P – CP2M: Charge
Pump2 external capacitance
terminals differential voltage
-
-20
-
75
V
-
d_VPRE_CP2P_AMR
VPRE – CP2P: Charge
Pump2 external differential
voltage between VPRE and
CP2P
-
-75
-
20
V
-
d_VDH_CP2P_AMR
VDH – CP2P: Charge Pump2
external differential voltage
between VDH and CP2P
-
-95
-
0.3
V
-
d_VDH_VPRE_SHSN_AMR
VDH+VPRE-SHS_n:
constraint on simultaneous
voltage on VDH, VPRE and
SHS_n/GHS_n
-
-
-
100(3)
V
[n=1,2,3]
Application
information
Gate Drivers
CBS_AMR_DC_RES
CBS_n: DC voltage range in
RESET
VDD < VDD UV +
HYST
-0.3
-
95
V
[n=1,2,3]
CBS_AMR_DC
CBS_n: DC voltage range
VDD≥VDD UV +
HYST
-7(1)
-
95
V
[n=1,2,3]
CBS_AMR_AC
CBS_n: transient voltage
range
VDD ≥ VDD UV +
HYST
t ≤ 200 ns
-14(1)
-
95
V
[n=1,2,3] Not
subject to
production test
d_CBSN_CP2P_AMR
CBS_n - CP2P: differential
voltage between CBS_n and
CP2P terminals
-
-95
-
20
V
[n=1,2,3]
GHS_N_AMR_DC_RES
GHS_n: DC voltage range in
RESET
VDD < VDD UV +
HYST
-0.3
-
95
V
[n=1,2,3]
GHS_N_AMR_DC
GHS_n: DC voltage range
VDD ≥ VDD UV +
HYST
-7
-
95
V
[n=1,2,3]
GHS_N_AMR_AC
GHS_n: transient voltage
range
VDD ≥ VDD UV +
HYST
t ≤ 200 ns
-14
-
95
V
[n=1,2,3] Not
subject to
production test
L9908
Absolute Maximum Ratings (AMR)
DS13546 - Rev 3
page 11/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com