Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 56Page - STMicroelectronics L9908 Datasheet HTML 57Page - STMicroelectronics L9908 Datasheet HTML 58Page - STMicroelectronics L9908 Datasheet HTML 59Page - STMicroelectronics L9908 Datasheet HTML 60Page - STMicroelectronics L9908 Datasheet HTML 61Page - STMicroelectronics L9908 Datasheet HTML 62Page - STMicroelectronics L9908 Datasheet HTML 63Page - STMicroelectronics L9908 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 153 page
background image
5.12
Half bridges gate drivers
The core feature of L9908 is represented by the three identical and independent gate pre-driver stages to drive
three inverter`s half bridges. Each half bridge pre-driver is composed by a floating current controlled LS and HS
pre-driver couple.
The specific n-th half bridge driver can be disabled by the dedicated SPI bit HBn_DIS, n = [1,2,3], within the
register GEN_CFG4 as follows:
Table 55. n-th Half Bridge pre-drivers disable mode bit
HBn_DIS
Description
0
n-th HS/LS drivers is enabled (Default)
1
n-th HS/LS drivers is disabled
When disabled the n-th half bridge driver’s internal HS/LS PU stages are off while the internal HS/LS PD are on
resulting in a VGHS_n-VSHS_n = 0 V and VGLS_n-VSLS_n = 0 V.
Figure 33. Pre-drivers Disable mode behavior
All drivers can be set in high impedance state by the dedicated SPI bit DRV_HIZ within the register GEN_CFG4
as follows:
Table 56. Pre-drivers HIZ mode enable bit
DRV_HIZ
Description
0
Pre-drivers in NO high impedance
1
Pre-drivers in high impedance (Default)
When in HIZ mode the half bridge driver’s internal HS/LS PU and PD stages are both off resulting in a VGHS_n-
VSHS_n = HIZ and VGLS_n-VSLS_n = HIZ.
L9908
Half bridges gate drivers
DS13546 - Rev 3
page 60/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com