Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 66Page - STMicroelectronics L9908 Datasheet HTML 67Page - STMicroelectronics L9908 Datasheet HTML 68Page - STMicroelectronics L9908 Datasheet HTML 69Page - STMicroelectronics L9908 Datasheet HTML 70Page - STMicroelectronics L9908 Datasheet HTML 71Page - STMicroelectronics L9908 Datasheet HTML 72Page - STMicroelectronics L9908 Datasheet HTML 73Page - STMicroelectronics L9908 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 153 page
background image
Table 64. Shoot-Through Protection on Ext. FET VGS enable bit
STPn_VGS_DIS
Description
0
Shoot-through protection on FET Vgs enabled (Default)
1
Shoot-through protection on FET Vgs disabled
The T_stp_flt configuration for the n-th pre-driver can be set by a dedicated SPI bit as follows:
Table 65. Shoot-Through Protection on PWM inputs filtering configuration bits
STPn_PWM_CFG1
STPn_PWM_CFG0
Description
0
0
0.2 μs (Defaults)
0
1
0.5 μs
1
0
1 μs
1
1
1.5 μs
Table 66. Shoot-Through Protection on Ext. FET VGS filtering configuration bits
STPn_VGS_CFG1
STPn_VGS_CFG0
Description
0
0
0.2 μs (Defaults)
0
1
0.5 μs
1
0
1 μs
1
1
1.5 μs
Table 67. Shoot-Through Protection accuracy
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
STP_pwm_tflt_acc
PWM Shoot-through Filter Time accuracy
CLK_SSM_EN = 0
-10
-
10
%
STP_vgs_tflt_acc
VGS Shoot-through Filter Time accuracy
CLK_SSM_EN = 0
-10
-
10
%
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
5.13
Current monitors
L9908 implements three identical and independent current monitor channels.
The motor current converted by an external shunts resistance into a differential voltage VIN is measured through
the input pins Isn+ and Isn- (VIN = Isn+ - Isn-).
A current sense amplifier (CSA) is used to amplify the ground referenced differential voltages then converted
via an internal 11-bit ADC. The current information is made available either in digital form through SPI register
readout or reconverted in analog form through an 11-bit DAC at CSO_n pin.
L9908
Current monitors
DS13546 - Rev 3
page 70/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com