Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 30Page - STMicroelectronics L9908 Datasheet HTML 31Page - STMicroelectronics L9908 Datasheet HTML 32Page - STMicroelectronics L9908 Datasheet HTML 33Page - STMicroelectronics L9908 Datasheet HTML 34Page - STMicroelectronics L9908 Datasheet HTML 35Page - STMicroelectronics L9908 Datasheet HTML 36Page - STMicroelectronics L9908 Datasheet HTML 37Page - STMicroelectronics L9908 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 153 page
background image
Table 26. Internal Managed Faults reaction details
Fault Flag
Device Fault
Half Bridge Fault
FRC Available
STD_VGS_n=1
-
X
(1)(2)(3)
HSn_STG = 1
-
X
(1)(2)(3)
LSn_STG=1
-
X
(1)(2)(3)
VDH_UV=1
X
-
(1)(3)
VDH_OV=1
X
-
(1)(3)
VBP_UV=1
X
-
(1)(3)
VBP_OV=1
X
-
(1)(3)
1. Fault danger for the application is considered high, the corrective action shall be taken as soon as it is detected by the
device itself by disabling all half bridges and charge pumps.
2. Fault danger for the application is considered high, the corrective action shall be taken as soon as it is detected by the
device itself by disabling only the half bridge on which the fault is present still allowing a reduced performance operation.
3. Fault danger for the application is considered low, the fault can be ignored with no corrective action applied nor internal or
external.
Note:
•
While other configurations are available for all FHC faults the configuration 01 is available only on a limited
subset. In Faults that don't support such a FRC the configuration 01 is reserved.
•
For VDH_UV, VDH_OV, VBP_UV, VBP_OV and CFG_CRC_FAIL the configuration 01 has the same effect
as configuration 10 and 11.
5.6.1.2
Fault Output Redirection (FOR)
L9908 implements a double source of fault signaling by pin FS_FLAG and by a dedicated SPI field present in
every frame.
FS_FLAG output can be configured in push-pull mode or in open-drain mode by means of the following SPI bit:
Table 27. Fault output redirection configuration bit
FS_FLAG_CFG
Description
0
Push-pull (Default)
1
Open-drain
The pin FS_FLAG is asserted LOW and the IC ERR flag is set to ‘1’ if a STD fault is detected which has been
configured to be redirected externally via <FLT_REF>_REDIRECT_CFG.
The pin FS_FLAG is asserted HIGH and IC ERR flag is set to ‘10’ when the STD failure condition disappears.
Table 28. IC ERR status bits
IC ERR1
IC ERR0
Description
0
0
NO STD Fault (Default)
0
1
NO STD Fault
1
0
NO STD Fault
1
1
STD Fault
In CONFIG mode a dedicated configuration bit is present for each one of the configurable reaction faults to mask
output redirection as follows:
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 34/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com