Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 2Page - STMicroelectronics L9908 Datasheet HTML 3Page - STMicroelectronics L9908 Datasheet HTML 4Page - STMicroelectronics L9908 Datasheet HTML 5Page - STMicroelectronics L9908 Datasheet HTML 6Page - STMicroelectronics L9908 Datasheet HTML 7Page - STMicroelectronics L9908 Datasheet HTML 8Page - STMicroelectronics L9908 Datasheet HTML 9Page - STMicroelectronics L9908 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 153 page
background image
Table 2. Safety related digital input pins functional partitioning
Pins
Default State
Description
NDIS
Type B – Internal Resistance Pull-down
SPI Pin (SPI communication related pin)
EN_BR
Type B – Internal Resistance Pull-down
SPI Pin (SPI communication related pin)
Table 3. NDIS and EN_BR electrical characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Notes
NDIS_ll_th
NDIS Input Low Level
-0.3
-
0.8
V
-
NDIS_hl_th
NDIS Input High Level
2
-
65
V
-
T_ndis_flt
NDIS filtering time
1
2.5
5
μs
Analog filter
NDIS_in_ipd
NDIS Pull Down Current
NDIS = VIO
-65
-40
-15
μA
-
EN_BR_ll_th
EN_BR Input Low Level
-0.3
-
0.8
V
-
EN_BR _hl_th
EN_BR Input High Level
2
-
65
V
-
T_en_br_flt
EN_BR filtering time
1
2.5
5
μs
Digital filter
EN_BR _in_ipd
EN_BR Pull Down Current
EN_BR = VIO
-65
-40
-15
μA
-
The state of Safety control pins EN_BR and NDIS is echoed into dedicated SPI readable bits EN_BR_ECHO and
NDIS_ECHO in the register GEN_STATUS2.
L9908
Block diagram and pin description
DS13546 - Rev 3
page 6/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com