Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 10Page - STMicroelectronics L9908 Datasheet HTML 11Page - STMicroelectronics L9908 Datasheet HTML 12Page - STMicroelectronics L9908 Datasheet HTML 13Page - STMicroelectronics L9908 Datasheet HTML 14Page - STMicroelectronics L9908 Datasheet HTML 15Page - STMicroelectronics L9908 Datasheet HTML 16Page - STMicroelectronics L9908 Datasheet HTML 17Page - STMicroelectronics L9908 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 153 page
background image
2. 52 V AMR over life-time. 60 V ≥ AMR ≥ 52 V for E48-01a transient pulse, AMR ≥ 60 V for E48-02 transients pulse as
defined in VDA_320/LV 148 standard.
3. The maximum voltage drop experienced by internal structures has to be limited to 100V in order to avoid damages. The
HS pre-driver stage may experience together the maximum voltage and the minimum voltage all over L9908 respectively
imposed by CP2 output voltage or CBS_n and SHS_n negative pulses. HS pre-driver then must be protected by ensuring
that the absolute maximum voltage on CP2 or on CBS_n never takes place simultaneously with the absolute minimum
voltage on SHS_n so that: VDH * VPRE - SHSn ≤ 100 W
Note:
Integrated protection and diagnostics are designed to prevent device damage under the fault conditions defined
in the functional description. Fault conditions are considered to be out of normal operating range. Protection
functions are not designed for a continuous repetitive operation.
2.3
ESD resistivity
Table 7. ESD resistivity (pin level)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Notes
HBM_LOC_ESD
HBM (Local Pins)(1)
All pins(2)
-2
-
2
kV
Class 2
HBM_GLO_ESD
HBM (Global Pins)(1)
VBP, VDH, SHS_n
-4
-
4
kV
Class 3A
CDM _ESD
CDM (1)
All pins
-500
-
500
V
Class C3
CDM_COR_ESD
CDM (1)
Corner pins
-750
-
750
V
Class C4
LUT
Latch Up (3)
All pins
-100
-
100
mA
-
1. According to AEC-Q100-011
2. Pins are all GND connected together.
3. According to AEC-Q100-004
2.4
Temperature ranges and thermal data
Table 8. Temperature ranges and thermal data
Symbol
Parameter
Min Typ Max Unit
Notes
Tamb
Operating temperature (ECU environment)
-40
-
150
°C
-
Tj(1)
Operating junction temperature
-40
-
150
°C
-
Tj
Extended operating junction temperature
-40
-
175
°C
200h over life time
Tsto
Storage temperature
-55
-
150
°C
RthJ-A(2) Thermal resistance junction-to-ambient
-
31
-
°C/W Homogeneous internal power distribution (3)
RThj-cb(2) Thermal resistance junction-to-case-bottom
-
2.1
-
°C/W
Homogeneous internal power distribution
1. All parameters are guaranteed and tested, in the temperature range Tj -40 ÷ 150°C unless otherwise specified. The
device is still operative and functional at higher temperatures (up to Tj 175°C). Device functionality at high temperature is
guaranteed by bench validation, electrical parameters are guaranteed by correlation with ATE tests at reduced temperature
and adjusted limits (if needed).
2. Not subject to production test, guaranteed by design.
3. RthJA value is retrieved according to Jedec JESD51-2,-5,-7 guideline with a 2s2p board.
L9908
ESD resistivity
DS13546 - Rev 3
page 14/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com