Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 23Page - STMicroelectronics L9908 Datasheet HTML 24Page - STMicroelectronics L9908 Datasheet HTML 25Page - STMicroelectronics L9908 Datasheet HTML 26Page - STMicroelectronics L9908 Datasheet HTML 27Page - STMicroelectronics L9908 Datasheet HTML 28Page - STMicroelectronics L9908 Datasheet HTML 29Page - STMicroelectronics L9908 Datasheet HTML 30Page - STMicroelectronics L9908 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 153 page
background image
2.
NVM READ MODE
Internal supply and reference voltage/currents are available possibly exceeding spec parametrical ranges.
Main logic is out of reset (INT_RST = ’1’, Internal signal). Main functions are disabled:
–
Gate Driver Supply stage disabled
–
Half Bridge Gate Drivers stages are in HIZ mode while LS Half Bridge Gate Drivers stages are
shutdown (SAFE-HIZ)
–
Current Monitors chains and monitoring units are disabled
–
SPI Read is available while SPI Write is disabled
In this mode a CRC check on NVM data is first performed:
–
If no CRC error is detected the NVM content is deployed into main logic register
–
If a CRC error is detected the related main logic registers are reset to default values (all ‘0’) and
NVM_CRC_FAIL flag is set to ‘1’
Note:
All parameters are guaranteed and tested in the voltage ranges reported in Table 5 unless otherwise specified.
Where not specified the parametrical operating range equals the functional operating range.
Table 15. Power up/down timings
Symbol
Parameter
Min
Typ
Max
Unit
Notes
T_nvm
NVM data deploy & CRC duration
-
-
2
ms
Not subject to production test
3.
NORMAL MODE
Internal supply and reference voltage/currents are available and within spec ranges. Main logic is out of
reset (INT_RST = ’1’, Internal signal). Main functions:
–
Half Bridge Gate Drivers status depends on disable logic assessment (Functional or SAFE_DIS)
–
Gate Driver Supply stage status depends on configuration
–
Current Monitors chains and monitoring units status depend on configuration
–
SPI Read/Write operations are available
4.
SAFE OFF MODE
Internal supply and reference voltage/currents are available and within spec ranges. Main logic is out of
reset (INT_RST = ’1’, Internal signal). Main functions:
–
Gate Driver Supply stage is disabled
–
HS and LS state are in SAFE_OFF or SAFE_HIZ depending on fault reaction as described in Table 17
–
Current Monitors chains and monitoring units status depend on configuration
–
SPI Read/Write operations are available
5.
SELF TEST MODE
Internal supply and reference voltage/currents are available and within spec ranges. Main logic is out of
reset (INT_RST = ’1’, Internal signal). Main functions:
–
Gate Driver Supply stage depends on disable logic assessment
–
Half Bridge Gate Drivers are disabled (SAFE-DIS)
–
Current Monitors chains and monitoring units status depend on configuration
–
SPI Read is available while SPI Write is disabled
6.
CONFIG MODE
Internal supply and reference voltage/currents are available and within spec ranges. Main logic is out of
reset (INT_RST = ’1’, Internal signal). Main functions:
–
Half Bridge Gate Drivers status depends on disable logic assessment (Functional or SAFE_DIS)
–
Gate Driver Supply stage status depends on configuration
–
Current Monitors chains and monitoring units status depend on configuration
–
SPI Read/Write operations are available
Three SPI readable flags are present to read-back the operational state machine status according to the following
table:
L9908
Device operation state machine
DS13546 - Rev 3
page 27/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com