Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 103 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 99Page - STMicroelectronics L9908 Datasheet HTML 100Page - STMicroelectronics L9908 Datasheet HTML 101Page - STMicroelectronics L9908 Datasheet HTML 102Page - STMicroelectronics L9908 Datasheet HTML 103Page - STMicroelectronics L9908 Datasheet HTML 104Page - STMicroelectronics L9908 Datasheet HTML 105Page - STMicroelectronics L9908 Datasheet HTML 106Page - STMicroelectronics L9908 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 153 page
background image
Figure 78. Temperature monitor ADC characteristics
The temperature measurement data are stored in a dedicated register and can be retrieved by SPI readout of
TEMP_READ in the register GEN_TEMP_STATUS.
The temperature can be retrieved by the following formula:
Tj C∘ = 1.37C∘×DTEMP_READ −77.4C∘
(25)
Where: DTEMP_READ is the digital word stored in TEMP_READ.
The digitized temperature information is compared by two hysteresis comparators with selectable threshold based
on the following scheme:
If DTEMP ≥ DTEMP_WR_TH occurs for an interval longer than T_otm_wr_flt filtering time, the OTM_WR flag is
set. The error flag remains set until the failure condition is removed.
If DTEMP ≥ DTEMP_SD_TH (= 185deg.) occurs for an interval longer than T_otm_sd_flt filtering time, the
OTM_SD flag is set. The error flag remains set until the failure condition is removed and the flag is cleared by the
SPI command.
The thermal Warning threshold can be configured by the following SPI bit sets:
Table 100. Thermal warning configuration bits
TWN_CFG1
TWN_CFG0
Description
0
0
130 deg.
L9908
Temperature Monitor (OTM)
DS13546 - Rev 3
page 103/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com