Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 132 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 128Page - STMicroelectronics L9908 Datasheet HTML 129Page - STMicroelectronics L9908 Datasheet HTML 130Page - STMicroelectronics L9908 Datasheet HTML 131Page - STMicroelectronics L9908 Datasheet HTML 132Page - STMicroelectronics L9908 Datasheet HTML 133Page - STMicroelectronics L9908 Datasheet HTML 134Page - STMicroelectronics L9908 Datasheet HTML 135Page - STMicroelectronics L9908 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 153 page
background image
WDT_OVF_CFG
Description
11
1.6384 ms
Reprogramming of WDT_OVF_CFG configuration is possible only while WDT_EN = 0
Table 147. WDT overflow counter accuracy
Symbol
Parameter
Min
Typ
Max
Unit
WDT_ovf_acc
WDT overflow counter accuracy
-10
-
10
%
Within this window the watchdog expects a refresh pulse to reset the overflow counter and restart a new window:
if refresh is missed before the overflow counter is elapsed the error flag WDT_OVF_Fail is set and L9908 is sent
to safe state. The flag remains set until the WDT is reset by the SPI command or re-enabled after a power-on
sequence.
Figure 86. WDT Operation – Overflow timer failure
The refresh of the overflow counter has to be performed by the uC through a dedicated SPI frame including the
4-bit watchdog refresh command. The watchdog circuitry compares the received watchdog refresh command with
an internal look-up table and answers with a corresponding 4-bit Gray code in the next SPI MISO frame.
Table 148. Watchdog Binary to Gray answer conversion
Binary (μC) → Gray (L9908) Binary → (μC) → Gray (L9908) Binary (μC) → Gray (L9908) Binary (μC) → Gray (L9908)
0x0 (0000) → 0x0 (0000)
0x4 (0100) → 0x6 (0110)
0x8 (1000) → 0xC (1100)
0xC (1100) → 0xA (1010)
0x1 (0001) → 0x1 (0001)
0x5 (0101) → 0x7 (0111)
0x9 (1001) → 0xD (1101)
0xD (1101) → 0xB (1011)
0x2 (0010) → 0x3 (0011)
0x6 (0110) → 0x5 (0101)
0xA (1010) → 0xF (1111)
0xE (1110) → 0x9 (1001)
0x3 (0011) → 0x2 (0010)
0x7 (0111) → 0x4 (0100)
0xB (1011) → 0xE (1110)
0xF (1111) → 0x8 (1000)
The expected watchdog command order starts with number 0x0 (0000) and is incremented by 1 at each refresh
window if the command is correctly interpreted and no failure is detected.
Once command number 0xF (1111) is reached the sequence restarts with number 0x0 (0000).
L9908
Window Watchdog Timer (WTD)
DS13546 - Rev 3
page 132/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com