Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 147 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 143Page - STMicroelectronics L9908 Datasheet HTML 144Page - STMicroelectronics L9908 Datasheet HTML 145Page - STMicroelectronics L9908 Datasheet HTML 146Page - STMicroelectronics L9908 Datasheet HTML 147Page - STMicroelectronics L9908 Datasheet HTML 148Page - STMicroelectronics L9908 Datasheet HTML 149Page - STMicroelectronics L9908 Datasheet HTML 150Page - STMicroelectronics L9908 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 153 page
background image
5.20
Serial Peripheral Interface (SPI) ................................................104
5.20.1
Protocol description..................................................... 105
5.20.2
Frame description ...................................................... 107
5.20.3
Frame monitoring ...................................................... 110
5.20.4
Error handling ......................................................... 110
5.20.5
Register description .................................................... 110
5.21
Window Watchdog Timer (WTD) ................................................130
6
Application circuit .............................................................. 136
6.1
12 V/24 V systems ...........................................................136
6.2
48 V systems ................................................................137
6.3
Bill of materials ..............................................................137
6.4
Layout guidelines ............................................................139
7
Package information............................................................ 140
7.1
TQFP48 (7x7x1 mm exp. pad down) package information ..........................140
7.2
TQFP48 (7x7x1 mm exp. pad down) PCB landpattern .............................142
Revision history ..................................................................... 143
L9908
Contents
DS13546 - Rev 3
page 147/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com