Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 36Page - Cirrus Logic CS47L35 Datasheet HTML 37Page - Cirrus Logic CS47L35 Datasheet HTML 38Page - Cirrus Logic CS47L35 Datasheet HTML 39Page - Cirrus Logic CS47L35 Datasheet HTML 40Page - Cirrus Logic CS47L35 Datasheet HTML 41Page - Cirrus Logic CS47L35 Datasheet HTML 42Page - Cirrus Logic CS47L35 Datasheet HTML 43Page - Cirrus Logic CS47L35 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 300 page
background image
40
DS1085F3
CS47L35
4.3 Digital Core
The CS47L35 supports multiple signal paths through the digital core. Stereo full-duplex sample-rate conversion is provided
to allow digital audio to be routed between input (ADC) paths, output (DAC) paths, Digital Audio Interfaces (AIF1–AIF3)
and SLIMbus paths operating at different sample rates.
The DSP functions are highly programmable, using application-specific control sequences. Note that the DSP
configuration data is lost whenever the DCVDD power domain is removed; the DSP configuration data must be
downloaded to the CS47L35 each time the device is powered up.
The procedure for configuring the CS47L35 DSP functions is tailored to each customer’s application; please contact your
Cirrus Logic representative for more details.
The digital core incorporates a S/PDIF transmitter that can provide a stereo S/PDIF output on a GPIO pin. Standard
sample rates of 32–192 kHz can be supported. The CS47L35 incorporates a tone generator that can be used for beep
functions through any of the audio signal paths. A white-noise generator is incorporated, to provide comfort noise in cases
where silence (digital mute) is not desirable.
A haptic signal generator is provided, for use with external haptic devices (e.g., mechanical vibration actuators). Two
pulse-width modulation (PWM) signal generators are also provided; the PWM waveforms can be modulated by an audio
source within the digital core, and can be output on a GPIO pin.
An overview of the digital-core mixing and signal-processing functions is provided in Fig. 4-11.
The control registers associated with the digital-core signal paths are shown in Fig. 4-12 through Fig. 4-27. The full list of
digital mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are provided in
Table 4-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com