Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 7Page - Cirrus Logic CS47L35 Datasheet HTML 8Page - Cirrus Logic CS47L35 Datasheet HTML 9Page - Cirrus Logic CS47L35 Datasheet HTML 10Page - Cirrus Logic CS47L35 Datasheet HTML 11Page - Cirrus Logic CS47L35 Datasheet HTML 12Page - Cirrus Logic CS47L35 Datasheet HTML 13Page - Cirrus Logic CS47L35 Datasheet HTML 14Page - Cirrus Logic CS47L35 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 300 page
background image
11
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-3. Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum Units
Digital supply range 1
Digital supply range
1.The DCVDD and FLLVDD pins should be tied together. The associated power domain is referred to as DCVDD.
Core and FLL
I/O
DCVDD [2], FLLVDD [3]
DBVDD1, DBVDD2
2.Sleep mode is supported for when DCVDD is below the limits noted, provided that AVDD and DBVDD1 are present
3.It is recommended to connect a 4.7-
 resistor in series with the FLLVDD pin connection. Note that the minimum voltage limit applies at the supply
end of the 4.7-
 resistor in this case.
1.14
1.71
1.2
—
1.26
3.6 [4]
4.If the SLIMbus interface is enabled, the maximum DBVDD1 voltage is 1.98 V.
V
V
Charge pump supply range
CPVDD1
CPVDD2
CPVDD1
CPVDD2
1.71
1.14
1.8
1.2
1.89
1.26
V
V
Speaker supply range
SPKVDD
2.4
5.5
V
Analog supply range 5,6
5.The AVDD1 and AVDD2 pins should be tied together. The associated power domain is referred to as AVDD
6.The AGND1 and AGND2 pins should be tied together. The associated ground domain is referred to as AGND
AVDD
1.71
1.8
1.89
V
Mic bias supply 7
7.An internal charge pump and LDO (powered by CPVDD1) provide the mic bias supply; the MICVDD pin must not be connected to an external supply.
MICVDD
0.9
2.5
3.78
V
Ground 8
8.The impedance between DGND, AGND, and SUBGND must not exceed 0.1
.
The impedance between SPKGND and SUBGND must not exceed 0.2
.
DGND, AGND, CPGND, SPKGND, SUBGND
—
0
—
V
Power supply rise time 9,10
9.If the DCVDD rise time exceeds 2 ms, RESET must be asserted (low) during the rise and held asserted until after DCVDD is within the recommended
operating limits.
10.The specified minimum power supply rise times assume a minimum decoupling capacitance of 100 nF per pin. However, Cirrus Logic strongly
advises that the recommended decoupling capacitors are present on the PCB and that appropriate layout guidelines are observed. The specified
minimum power supply rise times also assume a maximum PCB inductance of 10 nH between decoupling capacitor and pin.
DCVDD
All other supplies
10
10
—
—
2000
—
s
s
Operating temperature range
TA
–40
—
85
ºC
Note: There are no power sequencing requirements; the supplies may be enabled and disabled in any order.
Table 3-4. Analog Input Signal Level—IN1AL, IN1BL, IN1AR, IN1BR, IN2L, IN2R
Test conditions (unless specified otherwise): AVDD = 1.8V; with the exception of the condition noted, the following electrical characteristics are valid
across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Full-scale input signal level (0 dBFS output)
Single-ended PGA input, 0 dB PGA gain
—
—
0.5
–6
—
—
VRMS
dBV
Differential PGA input, 0 dB PGA gain
—
—
1
0
—
—
VRMS
dBV
Notes:
• The full-scale input signal level is also the maximum analog input level, before clipping occurs.
• The full-scale input signal level changes in proportion with AVDD. For differential input, it is calculated as AVDD/1.8.
• A 1.0VRMS differential signal equates to 0.5VRMS/–6dBV per input.
• A sinusoidal input signal is assumed.
Table 3-5. Analog Input Pin Characteristics
Test conditions (unless specified otherwise): TA = +25ºC; with the exception of the condition noted, the following electrical characteristics are valid across
the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Input resistance
Single-ended PGA input, All PGA gain settings
Differential PGA input, All PGA gain settings
9
18
10.5
21
—
—
k
k
Input capacitance
——
5
pF
Table 3-6. Analog Input Gain—Programmable Gain Amplifiers (PGAs)
The following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Minimum programmable gain
—
0
—
dB
Maximum programmable gain
—
31
—
dB
Programmable gain step size
Guaranteed monotonic
—
1
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com