Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 6Page - Cirrus Logic CS47L35 Datasheet HTML 7Page - Cirrus Logic CS47L35 Datasheet HTML 8Page - Cirrus Logic CS47L35 Datasheet HTML 9Page - Cirrus Logic CS47L35 Datasheet HTML 10Page - Cirrus Logic CS47L35 Datasheet HTML 11Page - Cirrus Logic CS47L35 Datasheet HTML 12Page - Cirrus Logic CS47L35 Datasheet HTML 13Page - Cirrus Logic CS47L35 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 300 page
background image
10
DS1085F3
CS47L35
3 Characteristics and Specifications
3 Characteristics and Specifications
Table 3-1 defines parameters as they are characterized in this section.
Table 3-1. Parameter Definitions
Parameter
Definition
Channel separation
Left-to-right and right-to-left channel separation is the difference in level between the active channel (driven to
maximum full scale output) and the measured signal level in the idle channel at the test signal frequency. The active
channel is configured and supplied with an appropriate input signal to drive a full scale output, with signal measured
at the output of the associated idle channel.
Common-mode rejection
ratio (CMRR)
The ratio of a specified input signal (applied to both sides of a differential input), relative to the output signal that
results from it.
Dynamic range (DR)
A measure of the difference between the maximum full scale output signal and the sum of all harmonic distortion
products plus noise, with a low-level input signal applied. Typically, an input signal level 60 dB below full scale is
used.
Power-supply rejection
ratio (PSRR)
The ratio of a specified power supply variation relative to the output signal that results from it. PSRR is measured
under quiescent signal path conditions.
Signal-to-noise ratio
(SNR)
A measure of the difference in level between the maximum full scale output signal and the output with no input signal
applied.
Total harmonic distortion
(THD)
The ratio of the RMS sum of the harmonic distortion products in the specified bandwidth 1 relative to the RMS
amplitude of the fundamental (i.e., test frequency) output.
1.All performance measurements are specified with a 20-kHz low-pass brick-wall filter and, where noted, an A-weighted filter. The low-pass filter
removes out-of-band noise.
Total harmonic distortion
plus noise (THD+N)
The ratio of the RMS sum of the harmonic distortion products plus noise in the specified bandwidth 1 relative to the
RMS amplitude of the fundamental (i.e., test frequency) output.
Table 3-2. Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or beyond these limits.
Device functional operating limits and guaranteed performance specifications are given under electrical characteristics at the test conditions specified.
Parameter
Symbol
Minimum
Maximum
Supply voltages
DCVDD [1], FLLVDD [1]
CPVDD1, CPVDD2
DBVDD1, DBVDD2, AVDD [2], MICVDD
SPKVDD
1.The DCVDD and FLLVDD pins should be tied together. The associated power domain is referred to as DCVDD.
2.The AVDD1 and AVDD2 pins should be tied together. The associated power domain is referred to as AVDD.
–0.3 V
–0.3 V
–0.3 V
–0.3 V
1.6 V
2.5 V
5.0 V
6.0 V
Voltage range digital inputs
DBVDD1 domain
DBVDD2 domain
—
—
SUBGND – 0.3 V
SUBGND – 0.3 V
DBVDD1 + 0.3 V
DBVDD2 + 0.3 V
Voltage range analog inputs
IN1Axx, IN2xx
IN1Bxx
HPOUTFBn 3
MICDETn 3
JACKDET1, HPDETL, HPDETR
JACKDET2 [4], GPSWP, GPSWN
3.The HPOUTFBn and MICDETn functions share common pins. The absolute maximum rating varies according to the applicable function of each pin.
4.If AVDD > MICVDD (e.g., if LDO2 is disabled), the maximum JACKDET2 voltage is AVDD + 0.3 V.
SUBGND – 0.3 V
SUBGND – 0.9 V
SUBGND – 0.3 V
SUBGND – 0.3 V
CP1VOUT2N – 0.3 V [5]
SUBGND – 0.3 V
5.CP1VOUT2N is an internal supply, generated by the CS47L35 charge pump (CP1). Its voltage can vary between CPGND and –CPVDD1.
MICVDD + 0.3 V
MICVDD + 0.3 V
SUBGND + 0.3 V
MICVDD + 0.3 V
AVDD + 0.3 V
MICVDD + 0.3 V
Ground
AGND 6, DGND, CPGND, SPKGND
6.The AGND1 and AGND2 pins should be tied together. The associated ground domain is referred to as AGND.
SUBGND – 0.3 V
SUBGND + 0.3 V
Operating temperature range
TA
–40ºC
+85ºC
Operating junction temperature
TJ
–40ºC
+125ºC
Storage temperature after soldering
—
–65ºC
+150ºC
ESD-sensitive device. The CS47L35 is manufactured on a CMOS process. It is therefore generically susceptible to damage from
excessive static voltages. Proper ESD precautions must be taken during handling and storage of this device. This device is qualified
to current JEDEC ESD standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com