Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 13Page - Cirrus Logic CS47L35 Datasheet HTML 14Page - Cirrus Logic CS47L35 Datasheet HTML 15Page - Cirrus Logic CS47L35 Datasheet HTML 16Page - Cirrus Logic CS47L35 Datasheet HTML 17Page - Cirrus Logic CS47L35 Datasheet HTML 18Page - Cirrus Logic CS47L35 Datasheet HTML 19Page - Cirrus Logic CS47L35 Datasheet HTML 20Page - Cirrus Logic CS47L35 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 300 page
background image
17
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-12. Device Reset Thresholds
The following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter
Symbol
Minimum
Typical
Maximum
Units
AVDD reset threshold
VAVDD rising
VAVDD falling
VAVDD
—
1.06
—
—
1.66
1.44
V
V
DCVDD reset threshold
VDCVDD rising
VDCVDD falling
VDCVDD
—
0.49
—
—
1.04
0.66
V
V
DBVDD1 Reset threshold
VDBVDD1 rising
VDBVDD1 falling
VDBVDD1
—
1.06
—
—
1.66
1.44
V
V
Note: The reset thresholds are derived from simulations only, across all operational and process corners. Device performance is not assured
outside the voltage ranges defined in Table 3-3.
Table 3-13. System Clock and Frequency-Locked Loop (FLL)
The following timing information is valid across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Master clock
timing (MCLK1,
MCLK2) 1
1.If MCLK1 or MCLK2 is selected as a source for SYSCLK (either directly or via the FLL), the frequency must be within 1% of the SYSCLK_FREQ
setting.
MCLK cycle time
MCLK as input to FLL, FLL1_REFCLK_DIV = 00
MCLK as input to FLL, FLL1_REFCLK_DIV = 01
MCLK as input to FLL, FLL1_REFCLK_DIV = 10
MCLK as input to FLL, FLL1_REFCLK_DIV = 11
MCLK as direct SYSCLK source
74
37
18
12.5
40
—
—
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
MCLK duty cycle
MCLK as input to FLL
MCLK as direct SYSCLK source
80:20
60:40
—
—
20:80
40:60
%
%
Frequency-locked
loop (FLL1)
FLL input frequency
FLL1_REFCLK_DIV = 00
FLL1_REFCLK_DIV = 01
FLL1_REFCLK_DIV = 11
FLL1_REFCLK_DIV = 11
0.032
0.064
0.128
0.256
—
—
—
—
13.5
27
54
80
MHz
MHz
MHz
MHz
FLL synchronizer input
frequency
FLL1_SYNCCLK_DIV = 00
FLL1_SYNCCLK_DIV = 01
FLL1_SYNCCLK_DIV = 10
FLL1_SYNCCLK_DIV = 11
0.032
0.064
0.128
0.256
—
—
—
—
13.5
27
54
80
MHz
MHz
MHz
MHz
Internal clocking
SYSCLK frequency
SYSCLK_FREQ = 000, SYSCLK_FRAC = 0
SYSCLK_FREQ = 000, SYSCLK_FRAC = 1
SYSCLK_FREQ = 001, SYSCLK_FRAC = 0
SYSCLK_FREQ = 001, SYSCLK_FRAC = 1
SYSCLK_FREQ = 010, SYSCLK_FRAC = 0
SYSCLK_FREQ = 010, SYSCLK_FRAC = 1
SYSCLK_FREQ = 011, SYSCLK_FRAC = 0
SYSCLK_FREQ = 011, SYSCLK_FRAC = 1
SYSCLK_FREQ = 100, SYSCLK_FRAC = 0
SYSCLK_FREQ = 100, SYSCLK_FRAC = 1
–1%
–1%
–1%
–1%
–1%
–1%
–1%
–1%
–1%
–1%
6.144
5.6448
12.288
11.2896
24.576
22.5792
49.152
45.1584
98.304
90.3168
+1%
+1%
+1%
+1%
+1%
+1%
+1%
+1%
+1%
+1%
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
DSPCLK frequency
5
—
150
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com