Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 69Page - Cirrus Logic CS47L35 Datasheet HTML 70Page - Cirrus Logic CS47L35 Datasheet HTML 71Page - Cirrus Logic CS47L35 Datasheet HTML 72Page - Cirrus Logic CS47L35 Datasheet HTML 73Page - Cirrus Logic CS47L35 Datasheet HTML 74Page - Cirrus Logic CS47L35 Datasheet HTML 75Page - Cirrus Logic CS47L35 Datasheet HTML 76Page - Cirrus Logic CS47L35 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 300 page
background image
DS1085F3
73
CS47L35
4.3 Digital Core
R160 (0x00A0)
Comfort_Noise_
Generator
14:11 NOISE_GEN_
RATE[3:0]
0000
Noise Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
R776 (0x0308)
Input_Rate
14:11 IN_RATE[3:0]
0000
Input Signal Paths Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8kHz to 192kHz.
If 384 kHz/768 kHz DMIC rate is selected on any of the input paths (INn_
OSR = 01X), the input paths sample rate is valid up to 48 kHz/96 kHz respectively.
R1032 (0x0408)
Output_Rate_1
14:11 OUT_RATE[3:0]
0000
Output Signal Paths Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All OUTnxMIX_SRCm fields must be cleared before changing OUT_RATE.
R1283 (0x0503)
AIF1_Rate_Ctrl
14:11 AIF1_RATE[3:0]
0000
AIFn Audio Interface Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All AIFnTXMIX_SRCm fields must be cleared before changing AIFn_RATE.
R1347 (0x0543)
AIF2_Rate_Ctrl
14:11 AIF2_RATE[3:0]
0000
R1411 (0x0583)
AIF3_Rate_Ctrl
14:11 AIF3_RATE[3:0]
0000
R1474 (0x05C2)
SPD1_TX_Control
7:4
SPD1_RATE[3:0]
0000
S/PDIF Transmitter Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 32–192 kHz.
All SPDIF1TXn_SRC fields must be cleared before changing SPD1_RATE.
R1509 (0x05E5)
SLIMbus_Rates_1
14:11 SLIMRX2_
RATE[3:0]
0000
SLIMbus RX Channel n Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
6:3
SLIMRX1_
RATE[3:0]
0000
R1510 (0x05E6)
SLIMbus_Rates_2
14:11 SLIMRX4_
RATE[3:0]
0000
6:3
SLIMRX3_
RATE[3:0]
0000
R1511 (0x05E7)
SLIMbus_Rates_3
14:11 SLIMRX6_
RATE[3:0]
0000
6:3
SLIMRX5_
RATE[3:0]
0000
R1513 (0x05E9)
SLIMbus_Rates_5
14:11 SLIMTX2_
RATE[3:0]
0000
SLIMbus TX Channel n Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All SLIMTXnMIX_SRCm fields must be cleared before changing SLIMTXn_RATE.
6:3
SLIMTX1_
RATE[3:0]
0000
R1514 (0x05EA)
SLIMbus_Rates_6
14:11 SLIMTX4_
RATE[3:0]
0000
6:3
SLIMTX3_
RATE[3:0]
0000
R1515 (0x05EB)
SLIMbus_Rates_7
14:11 SLIMTX6_
RATE[3:0]
0000
6:3
SLIMTX5_
RATE[3:0]
0000
Table 4-21. Digital-Core Sample-Rate Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com