Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 57Page - Cirrus Logic CS47L35 Datasheet HTML 58Page - Cirrus Logic CS47L35 Datasheet HTML 59Page - Cirrus Logic CS47L35 Datasheet HTML 60Page - Cirrus Logic CS47L35 Datasheet HTML 61Page - Cirrus Logic CS47L35 Datasheet HTML 62Page - Cirrus Logic CS47L35 Datasheet HTML 63Page - Cirrus Logic CS47L35 Datasheet HTML 64Page - Cirrus Logic CS47L35 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 300 page
background image
DS1085F3
61
CS47L35
4.3 Digital Core
4.3.7
Digital-Core DSP
The digital core provides three programmable DSP processing blocks as shown in Fig. 4-20. Each block supports eight
inputs (Left, Right, Aux1, Aux2, … Aux6). A four-input mixer is associated with the left and right inputs, providing further
expansion of the number of input paths. Each of the input sources is selectable, and independent volume control is
provided for left and right input mixer channels. Each DSP block supports six outputs.
The functionality of the DSP processing blocks is not fixed, and a wide range of audio enhancements algorithms may be
performed. The procedure for configuring the CS47L35 DSP functions is tailored to each customer’s application; please
contact your Cirrus Logic representative for details.
For details of the DSP firmware requirements relating to clocking, register access, and code execution, refer to
Section 4.4.2.
Figure 4-20. Digital-Core DSP Blocks
The DSPn mixer input control fields (see Fig. 4-20) are located at register addresses R2368–R2511 (0x0940–0x09CF).
The full list of digital mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are
provided in Table 4-7.
The x_SRCn fields select the input sources for the respective DSP processing blocks. Note that the selected input sources
must be configured for the same sample rate as the DSP to which they are connected. Sample-rate conversion functions
are available to support flexible interconnectivity; see Section 4.3.14.
The hexadecimal numbers in Fig. 4-20 indicate the corresponding x_SRCn setting for selection of that signal as an input
to another digital-core function.
DSP
DSPn
Channel 1
DSPn
Channel 2
DSPn
Channel 3
DSPn
Channel 4
DSPn
Channel 5
DSPn
Channel 6
DSP1 Outputs:
(0x68, 0x69, 0x6A,
0x6B, 0x6C, 0x6D)
DSP2 Outputs:
(0x70, 0x71, 0x72,
0x73, 0x74, 0x75)
DSP3 Outputs:
(0x78, 0x79, 0x7A,
0x7B, 0x7C, 0x7D)
DSPnLMIX_SRC1
DSPnLMIX_SRC3
DSPnLMIX_SRC4
DSPnLMIX_SRC2
DSPnRMIX_SRC1
DSPnRMIX_SRC3
DSPnRMIX_SRC4
DSPnRMIX_SRC2
DSPnLMIX_VOL2
DSPnLMIX_VOL3
DSPnLMIX_VOL4
DSPnLMIX_VOL1
DSPnRMIX_VOL2
DSPnRMIX_VOL3
DSPnRMIX_VOL4
DSPnRMIX_VOL1
+
+
…
…
…
…
…
…
…
…
CS47L35 supports three DSP blocks, i.e., n = 1–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com