Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 25Page - Cirrus Logic CS47L35 Datasheet HTML 26Page - Cirrus Logic CS47L35 Datasheet HTML 27Page - Cirrus Logic CS47L35 Datasheet HTML 28Page - Cirrus Logic CS47L35 Datasheet HTML 29Page - Cirrus Logic CS47L35 Datasheet HTML 30Page - Cirrus Logic CS47L35 Datasheet HTML 31Page - Cirrus Logic CS47L35 Datasheet HTML 32Page - Cirrus Logic CS47L35 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 300 page
background image
DS1085F3
29
CS47L35
4.2 Input Signal Path
The CS47L35 supports up to 16 GPIO pins, offering a range of input/output functions for interfacing, for detection of
external hardware, and for providing logic outputs to other devices. The GPIOs are multiplexed with other functions.
Comprehensive interrupt functionality is also provided for monitoring internal and external event conditions.
A signal generator for controlling haptics devices is included, compatible with both eccentric rotating mass (ERM) and
linear resonant actuator (LRA) haptics devices. The haptics signal generator is highly configurable and can execute
programmable drive event profiles, including reverse drive control. An external vibe actuator can be driven directly by the
Class D speaker output or
The CS47L35 incorporates four general-purpose timers, providing support for the sensor-hub connectivity. Sensor event
logging, and other real time application functions, allows many advanced functions to be implemented with a high degree
of autonomy from a host processor.
A smart accessory interface is included, supporting most standard 3.5-mm accessories. Jack detection, accessory
sensing, and impedance measurement is provided, for external accessory and push-button detection. Accessory detection
can be used as a wake-up trigger from low-power standby. Microphone activity detection with interrupt is also available.
System clocking can be derived from the MCLK1 or MCLK2 input pins. Alternatively, the SLIMbus interface, or the audio
interfaces (configured in Slave Mode), can be used to provide a clock reference. The integrated FLL circuit provides
support for a wide range of clocking configurations, including the use of a 32-kHz input clock reference.
The CS47L35 can be powered from 1.8- and 1.2-V external supplies. A separate supply (4.2 V) is typically required for the
Class D speaker driver. Integrated charge-pump and LDO-regulator circuits are used to generate supply rails for internal
functions and to support powering or biasing of external microphones.
4.2 Input Signal Path
The CS47L35 provides flexible input channels, supporting up to six analog inputs or up to four digital inputs. Selectable
combinations of analog (mic or line) and digital inputs are multiplexed into two stereo input signal paths.
The analog input paths support single-ended and differential modes, programmable gain control, and are digitized using
a high performance sigma-delta ADC.
The digital input paths interface directly with external digital microphones; a separate microphone interface clock is
provided for two separate stereo pairs of digital microphones. Digital delay can be applied to any of the digital input paths;
this can be used for phase adjustment of any digital input, including directional control of multiple microphones.
Two microphone bias (MICBIAS) generators provide a low-noise reference for biasing electret condenser microphones
(ECMs) or for use as a low-noise supply for MEMS microphones and digital microphones. Switchable outputs from the
MICBIAS generators allow four separate reference/supply outputs to be independently controlled.
Digital volume control is available on all inputs (analog and digital), with programmable ramp control for smooth, glitch-free
operation.
The IN1 and IN2 signal paths and control fields are shown in Fig. 4-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com