Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 93 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 93 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 89Page - Cirrus Logic CS47L35 Datasheet HTML 90Page - Cirrus Logic CS47L35 Datasheet HTML 91Page - Cirrus Logic CS47L35 Datasheet HTML 92Page - Cirrus Logic CS47L35 Datasheet HTML 93Page - Cirrus Logic CS47L35 Datasheet HTML 94Page - Cirrus Logic CS47L35 Datasheet HTML 95Page - Cirrus Logic CS47L35 Datasheet HTML 96Page - Cirrus Logic CS47L35 Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 300 page
background image
DS1085F3
93
CS47L35
4.5 DSP Peripheral Control
4.5.2
Event Loggers
The CS47L35 provides four event log functions, supporting multichannel, edge-sensitive monitoring and recording of
internal or external signals.
4.5.2.1 Overview
The event loggers allow status information to be captured from a large number of sources, to be prioritized and acted upon
as required. For the purposes of the event loggers, an event is recorded when a logic transition (edge) is detected on a
selected signal source.
The logged events are held in a FIFO buffer, which is managed by the application software. A 32-bit time stamp, derived
from one of the general-purpose timers, is associated and recorded with each FIFO index, to provide a comprehensive
record of the detected events.
Each event logger must be associated with one of the general-purpose timers. The selected timer is the source of time
stamp data for any logged events. If DSPCLK is disabled, the timer also provides the clock source for the event logger. (If
DSPCLK is enabled, DSPCLK is used as the clock source instead.)
A maximum of one event per cycle of the clock source can be logged. If more than one event occurs within the cycle time,
the highest priority (lowest channel number) event is logged at the rising edge of the clock. In this case, any lower priority
events is queued, and is logged as soon as no higher priority events are pending. It is possible for recurring events on a
high-priority channel to be logged, while low-priority ones remain queued. Note that recurring instances of events that are
queued would not be logged.
The event logger can use a slow clock (e.g., 32 kHz), but higher clock frequencies may also be commonly used, depending
on the application and use case. The clock frequency determines the maximum possible event logging rate.
4.5.2.2 Event Logger Control
The event logger is enabled by setting EVENTLOGn_ENA (where n identifies the respective event logger, 1–4).
R262660 (0x40204)
MIF1_TX_3
31:24 MIF1_TX_BYTE12[7:0]
0x00
TX Byte 12
23:16 MIF1_TX_BYTE11[7:0]
0x00
TX Byte 11
15:8 MIF1_TX_BYTE10[7:0]
0x00
TX Byte 10
7:0 MIF1_TX_BYTE9[7:0]
0x00
TX Byte 9
R262662 (0x40206)
MIF1_TX_4
31:24 MIF1_TX_BYTE16[7:0]
0x00
TX Byte 16
23:16 MIF1_TX_BYTE15[7:0]
0x00
TX Byte 15
15:8 MIF1_TX_BYTE14[7:0]
0x00
TX Byte 14
7:0 MIF1_TX_BYTE13[7:0]
0x00
TX Byte 13
R262912 (0x40300)
MIF1_RX_1
31:24 MIF1_RX_BYTE4[7:0]
0x00
RX Byte 4
23:16 MIF1_RX_BYTE3[7:0]
0x00
RX Byte 3
15:8 MIF1_RX_BYTE2[7:0]
0x00
RX Byte 2
7:0 MIF1_RX_BYTE1[7:0]
0x00
RX Byte 1
R262914 (0x40302)
MIF1_RX_2
31:24 MIF1_RX_BYTE8[7:0]
0x00
RX Byte 8
23:16 MIF1_RX_BYTE7[7:0]
0x00
RX Byte 7
15:8 MIF1_RX_BYTE6[7:0]
0x00
RX Byte 6
7:0 MIF1_RX_BYTE5[7:0]
0x00
RX Byte 5
R262916 (0x40304)
MIF1_RX_3
31:24 MIF1_RX_BYTE12[7:0]
0x00
RX Byte 12
23:16 MIF1_RX_BYTE11[7:0]
0x00
RX Byte 11
15:8 MIF1_RX_BYTE10[7:0]
0x00
RX Byte 10
7:0 MIF1_RX_BYTE9[7:0]
0x00
RX Byte 9
R262918 (0x40306)
MIF1_RX_4
31:24 MIF1_RX_BYTE16[7:0]
0x00
RX Byte 16
23:16 MIF1_RX_BYTE15[7:0]
0x00
RX Byte 15
15:8 MIF1_RX_BYTE14[7:0]
0x00
RX Byte 14
7:0 MIF1_RX_BYTE13[7:0]
0x00
RX Byte 13
Table 4-30. Master Interface (MIF1) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com