Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 90 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 86Page - Cirrus Logic CS47L35 Datasheet HTML 87Page - Cirrus Logic CS47L35 Datasheet HTML 88Page - Cirrus Logic CS47L35 Datasheet HTML 89Page - Cirrus Logic CS47L35 Datasheet HTML 90Page - Cirrus Logic CS47L35 Datasheet HTML 91Page - Cirrus Logic CS47L35 Datasheet HTML 92Page - Cirrus Logic CS47L35 Datasheet HTML 93Page - Cirrus Logic CS47L35 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 300 page
background image
90
DS1085F3
CS47L35
4.5 DSP Peripheral Control
Fig. 4-29 shows a typical master I2C write transfer.
Figure 4-29. Master I2C Write
Fig. 4-30 shows a typical master I2C read transfer.
Figure 4-30. Master I2C Read
Fig. 4-31 shows a typical master I2C write/read transfer; the read transaction is preceded by a repeated start.
Figure 4-31. Master I2C Write and Read
4.5.1.6 Master Interface Control Registers
The MIF control registers are described in Table 4-30.
Table 4-30. Master Interface (MIF1) Control
Register Address
Bit
Label
Default
Description
R262146 (0x40002)
MIF1_I2C_CONFIG_2
10:1 MIF1_SLV_ADDR[9:0]
0x000
Address of Slave on which transactions are executed.
For 7-Bit Mode, lower 7 bits of field are used.
0
MIF1_ADDR_MODE
0
Selects the addressing mode of I2C Master
0 = 7-Bit Mode
1 = 10-Bit Mode
B1
D6
D0
B7
SDA
SCLK
Device Address
MIF1_SLV _ADDR
B0
B7
B0
R/W
B1
Write Data bits
MIF1_TX_BUFx_BYTEy
Write Data bits
MIF1_TX_BUFx_BYTEy
ACK
(Write)
ACK
ACK
START
STOP
Blue = Initiated by I2C Master
Purple = Initiated by I2C Slave
B1
B0
B7
Read Data bits
MIF1_RX_BUFx_BYTEy
ACK
R/W
B1
B0
B7
Read Data bits
MIF1_ RX_BUFx_BYTEy
ACK
STOP
ACK
D6
D0
SDA
SCLK
Device Address
MIF1_SLV _ADDR (Read)
START
(NACK)
Blue = Initiated by I2C Master
Purple = Initiated by I2C Slave
B1
D6
D0
B7
SDA
SCLK
Device Address
MIF1_SLV_ADDR
Device Address
MIF1_SLV_ADDR
B0
D6
B1
B0
R/W
D0
B7
Write Data bits
MIF1_TX_BUFx_BYTEy
Read D ata bits
MIF1_RX_BUFx_BYTEy
START
(Write) ACK
ACK
ACK
R/W
(Read)
STOP
ACK
Rpt
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com