Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 2 Page - Cirrus Logic

  CS47L35 Datasheet HTML 1Page - Cirrus Logic CS47L35 Datasheet HTML 2Page - Cirrus Logic CS47L35 Datasheet HTML 3Page - Cirrus Logic CS47L35 Datasheet HTML 4Page - Cirrus Logic CS47L35 Datasheet HTML 5Page - Cirrus Logic CS47L35 Datasheet HTML 6Page - Cirrus Logic CS47L35 Datasheet HTML 7Page - Cirrus Logic CS47L35 Datasheet HTML 8Page - Cirrus Logic CS47L35 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 300 page
background image
2
DS1085F3
CS47L35
Description
The CS47L35 is a highly integrated, low-power audio hub for smartphones, tablets, and other portable audio devices. It
combines an advanced DSP feature set with a flexible, high-performance audio hub codec. The CS47L35 combines three
programmable DSP cores with a variety of power-efficient fixed-function audio processors. Flexible GPIO and an I2C
master interface are also incorporated, enabling sensor-hub connectivity.
The DSP cores support multiple concurrent audio features, including multimic wideband noise reduction,
high-performance acoustic-echo cancelation (AEC), speech enhancement, advanced media enhancement, and many
more. The DSP cores are supported by a fully flexible, all-digital mixing and routing engine with sample-rate converters,
for wide use-case flexibility. Support for third-party DSP programming provides far-reaching opportunities for product
differentiation.
A SLIMbus interface supports multichannel audio paths and host control register access. Three further digital audio
interfaces are provided, each supporting a wide range of standard audio sample rates and serial interface formats.
Automatic sample-rate detection enables seamless wideband/narrowband voice-call handover.
The stereo headphone driver provides ground-referenced output, with noise levels as low as 0.8
VRMS for hi-fi quality line
or headphone output. The CS47L35 also features a mono bridge-tied load (BTL) earpiece output, mono 2.7-W Class D
speaker driver, two channels of stereo PDM output, and an IEC-60958-3–compatible S/PDIF transmitter. A signal
generator for controlling haptics devices is included; vibe actuators can connect directly to the Class D speaker output, or
via an external driver on the PDM output interface.
The CS47L35 supports up to six analog inputs, and up to four PDM digital inputs. Microphone activity detection with
interrupt is available. A smart accessory interface supports most standard 3.5-mm accessories. Impedance sensing and
measurement is provided for external accessory and push-button detection (Android™ headset specification compliant).
The CS47L35 is configured using the SLIMbus, SPI™, or I2C interfaces. The integrated FLL provides support for a wide
range of system-clock frequencies. The device is powered from 1.8- and 1.2-V supplies. (A separate 4.2-V battery supply
is typically required for the Class D speaker drivers). The power, clocking, and output driver architectures are designed to
maximize battery life in voice, music, and standby modes. Low-power (10
A) Sleep Mode is supported, with configurable
wake-up events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com