Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 19Page - Cirrus Logic CS47L35 Datasheet HTML 20Page - Cirrus Logic CS47L35 Datasheet HTML 21Page - Cirrus Logic CS47L35 Datasheet HTML 22Page - Cirrus Logic CS47L35 Datasheet HTML 23Page - Cirrus Logic CS47L35 Datasheet HTML 24Page - Cirrus Logic CS47L35 Datasheet HTML 25Page - Cirrus Logic CS47L35 Datasheet HTML 26Page - Cirrus Logic CS47L35 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 300 page
background image
23
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-21. SLIMbus Interface Timing
The following timing information is valid across the full range of recommended operating conditions.
Parameter 1
1.SLIMbus interface timing.
Symbol
Minimum
Typ
Maximum
Units
SLIMCLK
input
SLIMCLK cycle time
SLIMCLK pulse width high
SLIMCLK pulse width low
—
TCLKH
TCLKL
35
12
12
—
—
—
—
—
—
ns
ns
ns
SLIMCLK
output
SLIMCLK cycle time
SLIMCLK pulse width high
SLIMCLK pulse width low
—
TCLKH
TCLKL
40
12
12
—
—
—
—
—
—
ns
ns
ns
SLIMCLK slew
rate (20%–80%)
CLOAD = 15 pF, SLIMCLK_DRV_STR = 0
CLOAD = 70 pF, SLIMCLK_DRV_STR = 0
CLOAD = 70 pF, SLIMCLK_DRV_STR = 1
SRCLK
SRCLK
SRCLK
0.09 x VDBVDD1
0.02 x VDBVDD1
0.04 x VDBVDD1
—
—
—
0.22 x VDBVDD1
0.05 x VDBVDD1
0.11 x VDBVDD1
V/ns
V/ns
V/ns
SLIMDAT
input
SLIMDAT setup time to SLIMCLK falling edge
TSETUP
3.5
—
—
ns
SLIMDAT hold time from SLIMCLK falling edge
TH
2—
—
ns
SLIMDAT
output
SLIMDAT time
for data output
valid (relative to
SLIMCLK rising
edge)
SLIMDAT_DRV_STR = 0, DBVDD1 = 1.71 V
CLOAD = 15 pF, SLIMDAT_DRV_STR = 1, DBVDD1 = 1.71 V
CLOAD = 30 pF, SLIMDAT_DRV_STR = 0, DBVDD1 = 1.71 V
CLOAD = 30 pF, SLIMDAT_DRV_STR = 1, DBVDD1 = 1.71 V
CLOAD = 50 pF, SLIMDAT_DRV_STR = 0, DBVDD1 = 1.71 V
CLOAD = 50 pF, SLIMDAT_DRV_STR = 1, DBVDD1 = 1.71 V
CLOAD = 70 pF, SLIMDAT_DRV_STR = 0, DBVDD1 = 1.71 V
CLOAD = 70 pF, SLIMDAT_DRV_STR = 1, DBVDD1 = 1.71 V
TDV
TDV
TDV
TDV
TDV
TDV
TDV
TDV
—
—
—
—
—
—
—
—
4.7
4.3
6.8
5.8
9.6
7.9
12.4
10.0
8.1
7.3
11.8
10.0
16.6
13.7
21.5
17.4
ns
ns
ns
ns
ns
ns
ns
ns
SLIMDAT slew
rate (20%–80%)
CLOAD = 15 pF, SLIMDAT_DRV_STR = 0
CLOAD = 30 pF, SLIMDAT_DRV_STR = 0
CLOAD = 30pF, SLIMDAT_DRV_STR = 1
CLOAD = 70pF, SLIMDAT_DRV_STR = 0
CLOAD = 70pF, SLIMCLK_DRV_STR = 1
SRDATA
SRDATA
SRDATA
SRDATA
SRDATA
—
—
—
—
—
—
—
—
—
—
0.64 x VDBVDD1
0.35 x VDBVDD1
0.46 x VDBVDD1
0.16 x VDBVDD1
0.21 x VDBVDD1
V/ns
V/ns
V/ns
V/ns
V/ns
Other
parameters
Driver disable time
TDD
——
6
ns
Bus holder output impedance
0.1 x VDBVDD1 <V< 0.9 x VDBVDD1 RDATAS
18
—
50
kΩ
Notes:
• The signal timing information describes the timing requirements of the SLIMbus interface as a whole, not just the CS47L35 device.
• TDV is the propagation delay from the rising SLIMCLK edge (at CS47L35 input) to the SLIMDAT output being achieved at the input to all
devices across the bus.
• TSETUP is the set-up time for SLIMDAT input (at CS47L35), relative to the falling SLIMCLK edge (at CS47L35).
• TH is the hold time for SLIMDAT input (at CS47L35) relative to the falling SLIMCLK edge (at CS47L35).
• For more details of the interface timing, refer to the MIPI Alliance Specification for Serial Low-power Inter-Chip Media Bus (SLIMbus)
SLIMDAT
TDV
TCLKL
TCLKH
VIH
VIL
TSETUP
TH
VIH, VOH
VIL, VOL
SLIMCLK
VIL, VIH are the 35%/65% levels of the respective inputs.
VOL, VOH are the 20%/80% levels of the respective outputs.
The SLIMDAT output delay (TDV) is with respect to the input pads of all receiving devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com