Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 20Page - Cirrus Logic CS47L35 Datasheet HTML 21Page - Cirrus Logic CS47L35 Datasheet HTML 22Page - Cirrus Logic CS47L35 Datasheet HTML 23Page - Cirrus Logic CS47L35 Datasheet HTML 24Page - Cirrus Logic CS47L35 Datasheet HTML 25Page - Cirrus Logic CS47L35 Datasheet HTML 26Page - Cirrus Logic CS47L35 Datasheet HTML 27Page - Cirrus Logic CS47L35 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 300 page
background image
24
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-22. JTAG Interface Timing
Test conditions (unless specified otherwise): CLOAD = 25 pF (output pins); TCK slew (20%–80%) = 5ns; with the exception of the conditions noted,
the following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter 1
1.JTAG Interface timing
Symbol
Minimum
Typical
Maximum
Units
TCK cycle time
TCCY
50
—
—
ns
TCK pulse width high
TCCH
20
—
—
ns
TCK pulse width low
TCCL
20
—
—
ns
TMS setup time to TCK rising edge
TMSU
1—
—
ns
TMS hold time from TCK rising edge
TMH
2—
—
ns
TDI setup time to TCK rising edge
TDSU
1—
—
ns
TDI hold time from TCK rising edge
TDH
2—
—
ns
TDO propagation delay from TCK falling edge
TDD
0—
17
ns
TRST setup time to TCK rising edge
TRSU
3—
—
ns
TRST hold time from TCK rising edge
TRH
3—
—
ns
TRST pulse width low
—
20
—
—
ns
TCK
(input)
tCCH
tCCL
tCCY
TDI
(input)
tDSU
tDH
TMS
(input)
tMSU
tMH
TDO
(output)
tDD
TRST
(input)
tRSU
tRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com