Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 1 Page - Cirrus Logic

  CS47L35 Datasheet HTML 1Page - Cirrus Logic CS47L35 Datasheet HTML 2Page - Cirrus Logic CS47L35 Datasheet HTML 3Page - Cirrus Logic CS47L35 Datasheet HTML 4Page - Cirrus Logic CS47L35 Datasheet HTML 5Page - Cirrus Logic CS47L35 Datasheet HTML 6Page - Cirrus Logic CS47L35 Datasheet HTML 7Page - Cirrus Logic CS47L35 Datasheet HTML 8Page - Cirrus Logic CS47L35 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 300 page
background image
Copyright
 Cirrus Logic, Inc. 2015–2018
(All Rights Reserved)
http://www.cirrus.com
DS1085F3
SEP '18
Smart Codec with Low-Power Audio DSP
Features
• 450 MIPS, 450 MMAC multicore audio-signal processor
• Programmable wideband, multimic audio processing
— Transmit-path noise reduction and echo cancelation
— Wind-noise, side-tone, and other programmable filters
• Integrated multichannel 24-bit hi-fi audio hub codec
— 101-dB signal-to-noise ratio (SNR) mic input (48 kHz)
— 122-dB SNR headphone playback (48 kHz)
• Up to six analog or four digital microphone (DMIC) inputs
• Stereo headphone/earpiece/line output driver: 30 mW
into 32-
 load at 0.1% total harmonic distortion + noise
(THD+N)
• Class D speaker and digital (pulse-density modulation,
PDM) output interfaces
• SLIMbus® audio and control interface
• Three full digital-audio interfaces
— Standard sample rates from 8 to 192 kHz
— Multichannel time-division multiplexing (TDM) support
on AIF1
• Flexible clocking, derived from MCLKn, AIFn, or SLIMbus
• Low-power frequency-locked loop (FLL) supports
reference clocks down to 32 kHz
• Configurable functions on up to 16 general-purpose
input/output (GPIO) pins
• Sensor-hub connectivity, with event time-stamp functions
• Integrated regulators and charge pumps
• Small WLCSP package, 0.4-mm ball array
Applications
• Smartphones and multimedia handsets
• Tablets and mobile Internet devices
Digital Core
Programmable multicore DSP
Advanced multimic Tx noise reduction
Advanced multimic acoustic echo cancelation
Advanced always-on buffering
Trigger word detection and ASR assist
Speaker protection
Five-band equalizer (EQ)
Dynamic range control (DRC)
Low-pass/high-pass filter (LHPF)
Automatic sample-rate detection
Tone generator
Noise generator
PWM signal generator
Haptic control signal generator
Digital Audio
Interface AIF1
Digital Audio
Interface AIF2
Digital Audio
Interface AIF3
SPKOUTP
SPKOUTN
DAC
HPOUTL
HPOUTR
DAC
DAC
HPOUTFB1
LDO and
MICBIAS
Generators
Charge Pumps
MICBIAS1A
MICBIAS1B
Reference
Generator
AVDD
AGND
VREFC
GPSWN
General
Purpose
Switch
GPSWP
AEC (Echo Cancelation)
Loop-Back
RESET
IRQ
AIFnBCLK
AIFnLRCLK
MCLK2
MCLK1
SYSCLK
Clocking
Control
1 x FLL
SLIMCLK
SLIMbus
Interface
Control Interfaces (SPI, I2C)
Master Interface (I2C)
MICBIAS2A
MICBIAS2B
EPOUTP
EPOUTN
SPKCLK
SPKDAT
PDM
Driver
External
Accessory Detect
IN1BLN
IN1BLP
IN1ALN/DMICCLK1
IN1ALP
IN1BRN
IN1BRP
IN1ARN/DMICDAT1
IN1ARP
IN2LN/DMICCLK2
IN2LP
IN2RN/DMICDAT2
IN2RP
Input
Select
Input
Select
ADC
ADC
ADC
ADC
Digital Mic
Interface
Digital Mic
Interface
CS47L35
CS47L35


Similar Part No. - CS47L35

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L15-CWZR CIRRUS-CS47L15-CWZR Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L24 CIRRUS-CS47L24 Datasheet
4Mb / 256P
Low Power Audio Hub for Wearable Technology
Rev 4.1 JAN 2017
CS47L85 CIRRUS-CS47L85 Datasheet
10Mb / 370P
Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
Rev 4.3 JUN 18
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
Low Power, Highly Integrated Smart Audio Codec
More results

Similar Description - CS47L35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
logo
Asahi Kasei Microsystem...
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com