Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 18Page - Cirrus Logic CS47L35 Datasheet HTML 19Page - Cirrus Logic CS47L35 Datasheet HTML 20Page - Cirrus Logic CS47L35 Datasheet HTML 21Page - Cirrus Logic CS47L35 Datasheet HTML 22Page - Cirrus Logic CS47L35 Datasheet HTML 23Page - Cirrus Logic CS47L35 Datasheet HTML 24Page - Cirrus Logic CS47L35 Datasheet HTML 25Page - Cirrus Logic CS47L35 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 300 page
background image
22
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-20. Control Interface Timing—Four-Wire (SPI) Mode
The following timing information is valid across the full range of recommended operating conditions.
Parameter 1, 2
1.Control interface timing—SPI Mode (write
cycle)
2.Control interface timing—SPI Mode (read
cycle)
Symbol
Min
Typ
Max
Units
SS falling edge to SCLK rising edge
tSSU
2.6
—
—
ns
SCLK falling edge to SS rising edge
tSHO
0—
—
ns
SCLK pulse cycle time
SYSCLK disabled (SYSCLK_ENA = 0)
SYSCLK_ENA = 1, SYSCLK_FREQ = 000
SYSCLK_ENA = 1, SYSCLK_FREQ > 000
tSCY
tSCY
tSCY
50.0
76.8
38.4
—
—
—
—
—
—
ns
ns
ns
SCLK pulse width low
tSCL
15.3
—
—
ns
SCLK pulse width high
tSCH
15.3
—
—
ns
MOSI to SCLK set-up time
tDSU
1.5
—
—
ns
MOSI to SCLK hold time
tDHO
1.7
—
—
ns
SCLK falling edge to MISO transition
SCLK slew (90%–10%) = 5 ns, CLOAD (MISO) = 25 pF
tDL
0
—
12.6
ns
SS
(input)
SCLK
(input)
MOSI
(input)
tSSU
tSCH
tSCL
tSCY
tDHO
tDSU
tSHO
SCLK
(input)
MISO
(output)
tDL
SS
(input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com