Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 34Page - Cirrus Logic CS47L35 Datasheet HTML 35Page - Cirrus Logic CS47L35 Datasheet HTML 36Page - Cirrus Logic CS47L35 Datasheet HTML 37Page - Cirrus Logic CS47L35 Datasheet HTML 38Page - Cirrus Logic CS47L35 Datasheet HTML 39Page - Cirrus Logic CS47L35 Datasheet HTML 40Page - Cirrus Logic CS47L35 Datasheet HTML 41Page - Cirrus Logic CS47L35 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 300 page
background image
38
DS1085F3
CS47L35
4.2 Input Signal Path
Table 4-5 lists the input signal path digital volume settings.
R793 (0x0319)
ADC_Digital_
Volume_2L
9
IN_VU
See
Footnote 1
Input Signal Paths Volume and Mute Update. Writing 1 to this bit causes the Input
Signal Paths Volume and Mute settings to be updated simultaneously
8
IN2L_MUTE
1
Input Path 2 (Left) Digital Mute
0 = Unmute
1 = Mute
7:0
IN2L_VOL[7:0]
0x80
Input Path 2 (Left) Digital Volume (see Table 4-5 for volume register definition).
–64 dB to +31.5 dB in 0.5-dB steps
0x00 = –64dB
0x01 = –63.5dB
… (0.5-dB steps)
0x80 = 0 dB
… (0.5-dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
R797 (0x031D)
ADC_Digital_
Volume_2R
9
IN_VU
See
Footnote 1
Input Signal Paths Volume and Mute Update. Writing 1 to this bit causes the Input
Signal Paths Volume and Mute settings to be updated simultaneously
8
IN2R_MUTE
1
Input Path 2 (Right) Digital Mute
0 = Unmute
1 = Mute
7:0
IN2R_VOL[7:0]
0x80
Input Path 2 (Right) Digital Volume (see Table 4-5 for volume register definition).
–64 dB to +31.5 dB in 0.5-dB steps
0x00 = –64dB
0x01 = –63.5dB
… (0.5-dB steps)
0x80 = 0 dB
… (0.5-dB steps)
0xBF = +31.5 dB
0xC0 to 0xFF = Reserved
1. Default is not applicable to these write-only bits
Table 4-5. Input Signal Path Digital Volume Range
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)
0x00
–64.0
0x31
–39.5
0x62
–15.0
0x93
9.5
0x01
–63.5
0x32
–39.0
0x63
–14.5
0x94
10.0
0x02
–63.0
0x33
–38.5
0x64
–14.0
0x95
10.5
0x03
–62.5
0x34
–38.0
0x65
–13.5
0x96
11.0
0x04
–62.0
0x35
–37.5
0x66
–13.0
0x97
11.5
0x05
–61.5
0x36
–37.0
0x67
–12.5
0x98
12.0
0x06
–61.0
0x37
–36.5
0x68
–12.0
0x99
12.5
0x07
–60.5
0x38
–36.0
0x69
–11.5
0x9A
13.0
0x08
–60.0
0x39
–35.5
0x6A
–11.0
0x9B
13.5
0x09
–59.5
0x3A
–35.0
0x6B
–10.5
0x9C
14.0
0x0A
–59.0
0x3B
–34.5
0x6C
–10.0
0x9D
14.5
0x0B
–58.5
0x3C
–34.0
0x6D
–9.5
0x9E
15.0
0x0C
–58.0
0x3D
–33.5
0x6E
–9.0
0x9F
15.5
0x0D
–57.5
0x3E
–33.0
0x6F
–8.5
0xA0
16.0
0x0E
–57.0
0x3F
–32.5
0x70
–8.0
0xA1
16.5
0x0F
–56.5
0x40
–32.0
0x71
–7.5
0xA2
17.0
0x10
–56.0
0x41
–31.5
0x72
–7.0
0xA3
17.5
0x11
–55.5
0x42
–31.0
0x73
–6.5
0xA4
18.0
0x12
–55.0
0x43
–30.5
0x74
–6.0
0xA5
18.5
0x13
–54.5
0x44
–30.0
0x75
–5.5
0xA6
19.0
0x14
–54.0
0x45
–29.5
0x76
–5.0
0xA7
19.5
0x15
–53.5
0x46
–29.0
0x77
–4.5
0xA8
20.0
0x16
–53.0
0x47
–28.5
0x78
–4.0
0xA9
20.5
0x17
–52.5
0x48
–28.0
0x79
–3.5
0xAA
21.0
0x18
–52.0
0x49
–27.5
0x7A
–3.0
0xAB
21.5
0x19
–51.5
0x4A
–27.0
0x7B
–2.5
0xAC
22.0
0x1A
–51.0
0x4B
–26.5
0x7C
–2.0
0xAD
22.5
Table 4-4. Input Signal Path Digital Volume Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com