Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 9Page - Cirrus Logic CS47L35 Datasheet HTML 10Page - Cirrus Logic CS47L35 Datasheet HTML 11Page - Cirrus Logic CS47L35 Datasheet HTML 12Page - Cirrus Logic CS47L35 Datasheet HTML 13Page - Cirrus Logic CS47L35 Datasheet HTML 14Page - Cirrus Logic CS47L35 Datasheet HTML 15Page - Cirrus Logic CS47L35 Datasheet HTML 16Page - Cirrus Logic CS47L35 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 300 page
background image
13
DS1085F3
CS47L35
3 Characteristics and Specifications
Analog input paths (INnLP,
INnRP) to ADC (Single-Ended
Input Mode)
SNR (A-weighted), defined in Table 3-1
48-kHz sample rate
16-kHz sample rate (wideband voice)
89
—
99
102
—
—
dB
dB
THD, defined in Table 3-1
–7dB V input —
–86
—
dB
THD+N, defined in Table 3-1
–7dB V input —
–85 –75
dB
Channel separation (L/R), defined in Table 3-1
100 Hz to 10 kHz —
100
—
dB
Input-referred noise floor
A-weighted, PGA gain = +20 dB —
4
—
VRMS
PSRR (DBVDDn, CPVDD1, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
77
50
—
—
dB
dB
PSRR (DCVDD, FLLVDD, CPVDD2),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
95
65
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
80
—
—
dB
dB
DAC to line output (HPOUTL,
HPOUTR; Load = 10 k
,
50 pF)
Full-scale output signal level
0 dBFS input —
—
1
0
—
—
VRMS
dBV
SNR, defined in Table 3-1
A-weighted, output signal = 1 VRMS —
122
—
dB
Dynamic range, defined in Table 3-1
A-weighted, –60 dBFS input 105 115
—
dB
THD, defined in Table 3-1
0 dBFS input —
–95
—
dB
THD+N, defined in Table 3-1
0 dBFS input —
–93 –83
dB
Channel separation (L/R), defined in Table 3-1
100 Hz to 10 kHz —
100
—
dB
Output noise floor
A-weighted —
0.8
—
VRMS
PSRR (DBVDDn, CPVDD1, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
73
—
—
dB
dB
PSRR (DCVDD, FLLVDD, CPVDD2),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
105
80
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
110
100
—
—
dB
dB
DAC to headphone output
(HPOUTL, HPOUTR;
RL =32 )
Maximum output power
0.1% THD+N —
30
—
mW
SNR, defined in Table 3-1
A-weighted, output signal = 1 VRMS —
122
—
dB
Dynamic range, defined in Table 3-1
A-weighted, –60 dBFS input 105 115
—
dB
THD, defined in Table 3-1
PO = 20 mW —
–93
—
dB
THD+N, defined in Table 3-1
PO = 20 mW —
–91
—
dB
THD, defined in Table 3-1
PO = 2 mW —
–92
—
dB
THD +N, defined in Table 3-1
PO = 2 mW —
–90 –80
dB
Channel separation (L/R), defined in Table 3-1
100 Hz to 10 kHz —
100
—
dB
Output noise floor
A-weighted —
0.8
—
VRMS
PSRR (DBVDDn, CPVDD1, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
73
—
—
dB
dB
PSRR (DCVDD, FLLVDD, CPVDD2),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
105
80
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
110
100
—
—
dB
dB
DAC to headphone output
(HPOUTL, HPOUTR;
RL =16 )
Maximum output power
0.1% THD+N —
39
—
mW
SNR, defined in Table 3-1
A-weighted, output signal = 1 VRMS —
122
—
dB
Dynamic range, defined in Table 3-1
A-weighted, –60 dBFS input 105 115
—
dB
THD, defined in Table 3-1
PO = 20 mW —
–89
—
dB
THD+N, defined in Table 3-1
PO = 20 mW —
–88
—
dB
THD, defined in Table 3-1
PO = 2 mW —
–92
—
dB
THD+N, defined in Table 3-1
PO = 2 mW —
–90 –80
dB
Channel separation (L/R), defined in Table 3-1
100 Hz to 10 kHz —
100
—
dB
Output noise floor
A-weighted —
0.8
—
VRMS
PSRR (DBVDDn, CPVDD1, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
100
73
—
—
dB
dB
PSRR (DCVDD, FLLVDD, CPVDD2),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
105
80
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
110
100
—
—
dB
dB
Table 3-9. Input/Output Path Characteristics (Cont.)
Test conditions (unless specified otherwise): DBVDD1 = DBVDD2 = CPVDD1 = AVDD = 1.8 V, DCVDD = FLLVDD = CPVDD2 = 1.2 V; MICVDD = 2.5 V
(powered from internal LDO); SPKVDD = 4.2 V; TA = +25ºC; 1 kHz sinusoid signal; Fs = 48 kHz; PGA gain = 0 dB, 24-bit audio data.
Parameter
Min Typ Max Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com