Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 17Page - Cirrus Logic CS47L35 Datasheet HTML 18Page - Cirrus Logic CS47L35 Datasheet HTML 19Page - Cirrus Logic CS47L35 Datasheet HTML 20Page - Cirrus Logic CS47L35 Datasheet HTML 21Page - Cirrus Logic CS47L35 Datasheet HTML 22Page - Cirrus Logic CS47L35 Datasheet HTML 23Page - Cirrus Logic CS47L35 Datasheet HTML 24Page - Cirrus Logic CS47L35 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 300 page
background image
21
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-19. Control Interface Timing—Two-Wire (I2C) Mode
The following timing information is valid across the full range of recommended operating conditions.
Parameter 1
1.Control interface
timing—I2C Mode
Symbol
Min
Typ
Max
Units
SCLK Frequency
—
—
—
3400
kHz
SCLK Low Pulse-Width
t1
160
—
—
ns
SCLK High Pulse-Width
t2
100
—
—
ns
Hold Time (Start Condition)
t3
160
—
—
ns
Setup Time (Start Condition)
t4
160
—
—
ns
SDA, SCLK Rise Time (10%–90%)
SCLK frequency > 1.7MHz
SCLK frequency > 1MHz
SCLK frequency
 1MHz
t6
t6
t6
—
—
—
—
—
—
80
160
2000
ns
ns
ns
SDA, SCLK Fall Time (90%–10%)
SCLK frequency > 1.7MHz
SCLK frequency > 1MHz
SCLK frequency
 1MHz
t7
t7
t7
—
—
—
—
—
—
60
160
200
ns
ns
ns
Setup Time (Stop Condition)
t8
160
—
—
ns
SDA Setup Time (data input)
t5
40
—
—
ns
SDA Hold Time (data input)
t9
0—
—
ns
SDA Valid Time (data/ACK output)
SCLK slew (90%–10%) = 20ns, CLOAD (SDA) = 15 pF
SCLK slew (90%–10%) = 60ns, CLOAD (SDA) = 100 pF
SCLK slew (90%–10%) = 160ns, CLOAD (SDA) = 400 pF
SCLK slew (90%–10%) = 200ns, CLOAD (SDA) = 550 pF
t10
t10
t10
t10
—
—
—
—
—
—
—
—
40
130
190
220
ns
ns
ns
ns
Pulse width of spikes that are suppressed
tps
0
—
25
ns
SCLK
(input)
SDA
t4
t3
START
t8
STOP
t2
t1
t7
t6
t5
t9
t10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com