Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 53Page - Cirrus Logic CS47L35 Datasheet HTML 54Page - Cirrus Logic CS47L35 Datasheet HTML 55Page - Cirrus Logic CS47L35 Datasheet HTML 56Page - Cirrus Logic CS47L35 Datasheet HTML 57Page - Cirrus Logic CS47L35 Datasheet HTML 58Page - Cirrus Logic CS47L35 Datasheet HTML 59Page - Cirrus Logic CS47L35 Datasheet HTML 60Page - Cirrus Logic CS47L35 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 300 page
background image
DS1085F3
57
CS47L35
4.3 Digital Core
The DRC2 control registers are described in Table 4-14.
Table 4-14. DRC2 Control Registers
Register Address
Bit
Label
Default
Description
R3585 (0x0E01)
FX_Ctrl2
15:4 FX_STS[11:0]
0x00 LHPF, DRC, EQ Enable Status. Indicates the status of each of the respective
signal-processing functions. Each bit is coded as follows:
0 = Disabled
1 = Enabled
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
R3720 (0x0E88)
DRC2_ctrl1
15:11 DRC2_SIG_
DET_RMS[4:0]
0x00 DRC2 Signal-Detect RMS Threshold. This is the RMS signal level for signal-detect to be
indicated when DRC2_SIG_DET_MODE = 1.
0x00 = –30 dB
0x01 = –31.5 dB
…. (1.5-dB steps)
0x1E = –75 dB
0x1F = –76.5 dB
10:9 DRC2_SIG_
DET_PK[1:0]
00
DRC2 Signal-Detect Peak Threshold. Peak/RMS ratio, or Crest Factor, level for
signal-detect to be indicated when DRC2_SIG_DET_MODE = 0.
00 = 12 dB
01 = 18 dB
10 = 24 dB
11 = 30 dB
8
DRC2_NG_
ENA
0
DRC2 Noise-Gate Enable
0 = Disabled
1 = Enabled
7
DRC2_SIG_
DET_MODE
0
DRC2 Signal-Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
DRC2_SIG_
DET
0
DRC2 Signal-Detect Enable
0 = Disabled
1 = Enabled
5
DRC2_
KNEE2_OP_
ENA
0
DRC2 KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
DRC2_QR
1
DRC2 Quick-release Enable
0 = Disabled
1 = Enabled
3
DRC2_
ANTICLIP
1
DRC2 Anticlip Enable
0 = Disabled
1 = Enabled
R3721 (0x0E89)
DRC2_ctrl2
12:9 DRC2_
ATK[3:0]
0100 DRC2 Gain attack rate (seconds/6 dB)
0000 = Reserved
0001 = 181
s
0010 = 363
s
0011 = 726
s
0100 = 1.45 ms
0101 = 2.9 ms
0110 = 5.8 ms
0111 = 11.6 ms
1000 = 23.2 ms
1001 = 46.4 ms
1010 = 92.8 ms
1011 = 185.6 ms
1100 to 1111 = Reserved
8:5 DRC2_
DCY[3:0]
1001 DRC2 Gain decay rate (seconds/6 dB)
0000 = 1.45 ms
0001 = 2.9 ms
0010 = 5.8 ms
0011 = 11.6 ms
0100 = 23.25 ms
0101 = 46.5 ms
0110 = 93 ms
0111 = 186 ms
1000 = 372 ms
1001 = 743 ms
1010 = 1.49 s
1011 = 2.97 s
1100 to 1111 = Reserved
4:2 DRC2_
MINGAIN[2:0]
100
DRC2 Minimum gain to attenuate audio signals
000 = 0 dB
001 = –12 dB (default)
010 = –18 dB
011 = –24 dB
100 = –36 dB
101 = Reserved
11X = Reserved
1:0 DRC2_
MAXGAIN[1:0]
11
DRC2 Maximum gain to boost audio signals (dB)
00 = 12 dB
01 = 18 dB
10 = 24 dB
11 = 36 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com