Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 100 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 100 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 96Page - Cirrus Logic CS47L35 Datasheet HTML 97Page - Cirrus Logic CS47L35 Datasheet HTML 98Page - Cirrus Logic CS47L35 Datasheet HTML 99Page - Cirrus Logic CS47L35 Datasheet HTML 100Page - Cirrus Logic CS47L35 Datasheet HTML 101Page - Cirrus Logic CS47L35 Datasheet HTML 102Page - Cirrus Logic CS47L35 Datasheet HTML 103Page - Cirrus Logic CS47L35 Datasheet HTML 104Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 300 page
background image
100
DS1085F3
CS47L35
4.5 DSP Peripheral Control
4.5.2.8 Event Logger Input Sources
A list of the valid input sources for the event loggers is provided in Table 4-32.
The EDGE type noted is coded as S (single edge) or D (dual edge). Note that a single-edge input source only provides
valid input to the event logger in the default (rising edge triggered) polarity.
Take care when enabling IRQ1 or IRQ2 as an input source for the event loggers; a recursive loop, where the IRQn signal
is also an output from the same event logger, must be avoided.
Base address +0xA6
EVENTLOGn_FIFO9_TIME
31:0 EVENTLOGn_FIFO9_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 9 Time
Base address +0xA8
EVENTLOGn_FIFO10_
READ
12
EVENTLOGn_FIFO10_POL
0
Event Log FIFO Index 10 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO10_ID[8:0] 0x000 Event Log FIFO Index 10 source 1
Base address +0xAA
EVENTLOGn_FIFO10_TIME
31:0 EVENTLOGn_FIFO10_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 10 Time
Base address +0xAC
EVENTLOGn_FIFO11_
READ
12
EVENTLOGn_FIFO11_POL
0
Event Log FIFO Index 11 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO11_ID[8:0] 0x000 Event Log FIFO Index 11 source 1
Base address +0xAE
EVENTLOGn_FIFO11_TIME
31:0 EVENTLOGn_FIFO11_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 11 Time
Base address +0xB0
EVENTLOGn_FIFO12_
READ
12
EVENTLOGn_FIFO12_POL
0
Event Log FIFO Index 12 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO12_ID[8:0] 0x000 Event Log FIFO Index 12 source 1
Base address +0xB2
EVENTLOGn_FIFO12_TIME
31:0 EVENTLOGn_FIFO12_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 12 Time
Base address +0xB4
EVENTLOGn_FIFO13_
READ
12
EVENTLOGn_FIFO13_POL
0
Event Log FIFO Index 13 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO13_ID[8:0] 0x000 Event Log FIFO Index 13 source 1
Base address +0xB6
EVENTLOGn_FIFO13_TIME
31:0 EVENTLOGn_FIFO13_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 13 Time
Base address +0xB8
EVENTLOGn_FIFO14_
READ
12
EVENTLOGn_FIFO14_POL
0
Event Log FIFO Index 14 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO14_ID[8:0] 0x000 Event Log FIFO Index 14 source 1
Base address +0xBA
EVENTLOGn_FIFO14_TIME
31:0 EVENTLOGn_FIFO14_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 14 Time
Base address +0xBC
EVENTLOGn_FIFO15_
READ
12
EVENTLOGn_FIFO15_POL
0
Event Log FIFO Index 15 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO15_ID[8:0] 0x000 Event Log FIFO Index 15 source 1
Base address +0xBE
EVENTLOGn_FIFO15_TIME
31:0 EVENTLOGn_FIFO15_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 15 Time
1.See Table 4-32 for valid channel source selections
Table 4-32. Event Logger Input Sources
ID
Description
Edge
ID
Description
Edge
ID
Description
Edge
3
irq1
D
173
dsp_irq14
S
323
Timer4
S
4
irq2
D
174
dsp_irq15
S
336
event1_not_empty
S
9
sysclk_fail
S
175
dsp_irq16
S
337
event2_not_empty
S
24
fll1_lock
D
176
hp1l_sc
S
338
event3_not_empty
S
32
frame_start_g1r1
S
177
hp1r_sc
S
339
event4_not_empty
S
33
frame_start_g1r2
S
178
hp2l_sc
S
352
event1_full
S
34
frame_start_g1r3
S
179
hp2r_sc
S
353
event2_full
S
80
hpdet
S
182
spkoutl_short
D
354
event3_full
S
88
micdet
S
224
spk_shutdown
D
355
event4_full
S
96
jd1_rise
S
225
spk_overheat
S
368
event1_wmark
S
Table 4-31. Event Logger (EVENTLOGn) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com