Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 101 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 101 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 97Page - Cirrus Logic CS47L35 Datasheet HTML 98Page - Cirrus Logic CS47L35 Datasheet HTML 99Page - Cirrus Logic CS47L35 Datasheet HTML 100Page - Cirrus Logic CS47L35 Datasheet HTML 101Page - Cirrus Logic CS47L35 Datasheet HTML 102Page - Cirrus Logic CS47L35 Datasheet HTML 103Page - Cirrus Logic CS47L35 Datasheet HTML 104Page - Cirrus Logic CS47L35 Datasheet HTML 105Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 300 page
background image
DS1085F3
101
CS47L35
4.5 DSP Peripheral Control
4.5.3
General-Purpose Timers
The CS47L35 incorporates four general-purpose timers, which support a wide variety of uses. In particular, these timers
provide essential support for the sensor-hub capability.
4.5.3.1 Overview
The timers allow time stamp information to be associated with external sensor activity, and other system events, enabling
real time data to be more easily integrated into user applications. The timers allow many advanced functions to be
implemented with a high degree of autonomy from a host processor.
The timers can use either internal system clocks, or external clock signals, as a reference. The selected reference is scaled
down, using configurable dividers, to the required clock count frequency.
4.5.3.2 Timer Control
The reference clock for each timer is selected using TIMERn_REFCLK_SRC, (where n identifies the applicable timer,
1–4).
If SYSCLK or DSPCLK is selected, a lower clock frequency, derived from the applicable system clock, can be selected
using the TIMERn_REFCLK_FREQ_SEL field. The applicable division ratio is determined automatically, assuming the
respective clock source has been correctly configured as described in Section 4.16.
If any source other than DSPCLK is selected, the clock can be further divided using TIMERn_REFCLK_DIV. Division ratios
in the range 1 to 128 can be selected.
Note that, if DSPCLK is enabled, the CS47L35 synchronizes the selected reference clock to DSPCLK. As a result of this,
if a non-DSPCLK is selected as source, the following additional constraints must be observed: the reference clock
frequency (after TIMERn_REFCLK_FREQ_SEL and after TIMERn_REFCLK_DIV) must be less than DSPCLK / 3, and
must be less than 12 MHz; it must also be close to 50% duty cycle. The TIMERn_REFCLK_DIV field can be used to ensure
that these criteria are met.
One final division, controlled by TIMERn_PRESCALE, determines the timer count frequency. This field is valid for all clock
reference sources; division ratios in the range 1 to 128 can be selected. The output from this division corresponds to the
frequency at which the TIMERn_COUNT fields are incremented (or decremented).
97
jd1_fall
S
226
spk_overheat_warn
S
369
event2_wmark
S
98
jd2_rise
S
256
gpio1
D
370
event3_wmark
S
99
jd2_fall
S
257
gpio2
D
371
event4_wmark
S
100
micd_clamp_rise
S
258
gpio3
D
384
dsp1_dma
S
101
micd_clamp_fall
S
259
gpio4
D
385
dsp2_dma
S
128
drc1_sig_det
D
260
gpio5
D
386
dsp3_dma
S
129
drc2_sig_det
D
261
gpio6
D
416
dsp1_start1
S
160
dsp_irq1
S
262
gpio7
D
417
dsp2_start1
S
161
dsp_irq2
S
263
gpio8
D
418
dsp3_start1
S
162
dsp_irq3
S
264
gpio9
D
432
dsp1_start2
S
163
dsp_irq4
S
265
gpio10
D
433
dsp2_start2
S
164
dsp_irq5
S
266
gpio11
D
434
dsp3_start2
S
165
dsp_irq6
S
267
gpio12
D
448
dsp1_start
S
166
dsp_irq7
S
268
gpio13
D
449
dsp2_start
S
167
dsp_irq8
S
269
gpio14
D
450
dsp3_start
S
168
dsp_irq9
S
270
gpio15
D
464
dsp1_busy
D
169
dsp_irq10
S
271
gpio16
D
465
dsp2_busy
D
170
dsp_irq11
S
320
Timer1
S
466
dsp3_busy
D
171
dsp_irq12
S
321
Timer2
S
480
mif1_done
S
172
dsp_irq13
S
322
Timer3
S
496
mif1_block
S
Table 4-32. Event Logger Input Sources (Cont.)
ID
Description
Edge
ID
Description
Edge
ID
Description
Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com